Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.6-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1879ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.6-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1879ACPZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 13Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 14Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 15Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 16Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 17Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 18Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 16 of 40
Figure 58. Output Drivers and SW Node Waveforms
Figure 59. High-Side Driver Rising and Low-Side Falling Edge Waveforms (CIN =
4.3 nF (High-/Low-Side MOSFET), QTOTAL = 27 nC (VGS = 4.4 V (Q1), VGS = 5 V (Q3))
Figure 60. High-Side Driver Falling and Low-Side Rising Edge Waveforms (CIN =
4.3 nF (High-/Low-Side MOSFET), QTOTAL = 27 nC (VGS = 4.4 V (Q1), VGS = 5 V (Q3))
Figure 61. Transconductance vs. Temperature
Figure 62. Transconductance vs. VREG
Figure 63. Quiescent Current vs. VREG
2
CH2 5V
CH3 5V
MATH 2V 40ns
CH4 2V
M40ns
A CH2
4.20V
T 29.0%
3
M
4
HIGH SIDE
HS MINUS
SW
SW NODE
LOW SIDE
TA = 25°C
2
CH2 5V
CH3 5V
MATH 2V 40ns
CH4 2V
M40ns
A CH2
4.20V
T 29.0%
3
M
4
HIGH SIDE
HS MINUS
SW
SW NODE
LOW SIDE
16ns (
tf,DRVL)
25ns (
tr,DRVH)
22ns (
tpdhDRVH)
TA = 25°C
2
CH2 5V
CH3 5V
MATH 2V 20ns
CH4 2V
M20ns
A CH2
4.20V
T 39.2%
3
M
4
HIGH SIDE
HS MINUS
SW
SW NODE
LOW SIDE
18ns (
tr,DRVL)
24ns (
tpdh,DRVL)
11ns (
tf,DRVH)
TA = 25°C
570
550
530
510
490
470
450
430
–40
–20
120
100
80
60
40
20
0
TEMPERATURE (°C)
VREG = 5.5V
VREG = 3.6V
VREG = 2.7V
680
330
380
430
480
530
580
630
2.7
3.0
5.4
4.8
5.1
4.5
4.2
3.9
3.6
3.3
VREG (V)
+125°C
+25°C
–40°C
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
2.7
5.5
5.1
4.7
4.3
–40°C
+25°C
+125°C
3.9
3.5
3.1
VREG (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com