Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1879ACPZ-0.6-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1879ACPZ-0.6-R7
Description  Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1879ACPZ-0.6-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1879ACPZ-0.6-R7 Datasheet HTML 18Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 20Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 21Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 22Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 23Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 24Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 25Page - Analog Devices ADP1879ACPZ-0.6-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP1878/ADP1879
Data Sheet
Rev. A | Page 22 of 40
Figure 76. 10 mV Offset to Ensure Prevention of Negative Inductor Current
The system remains in idle mode until the output voltage drops
below regulation. Next, a PWM pulse is produced, turning on the
high-side MOSFET to maintain system regulation. The ADP1879
does not have an internal clock; it switches purely as a hysteretic
controller, as described in this section.
TIMER OPERATION
The ADP1878/ADP1879 employ a constant on-time architecture,
which provides a variety of benefits, including improved load
and line transient response when compared with a constant
(fixed) frequency current-mode control loop of comparable
loop design. The constant on-time timer, or tON timer, senses
the high-side input voltage (VIN) and the output voltage (VOUT)
using SW waveform information to produce an adjustable one
shot PWM pulse. The pulse varies the on-time of the high-side
MOSFET in response to dynamic changes in input voltage, output
voltage, and load current conditions to maintain output regula-
tion. The timer generates an on-time (tON) pulse that is inversely
proportional to VIN.
where K is a constant that is trimmed using an RC timer product
for the 300 kHz, 600 kHz, and 1.0 MHz frequency options.
Figure 77. Constant On-Time Time
The constant on-time (tON) is not strictly constant because it
varies with VIN and VOUT. However, this variation occurs in such
a way as to keep the switching frequency virtually independent
of VIN and VOUT.
The tON timer uses a feedforward technique that, when applied
to the constant on-time control loop, makes it a pseudo fixed
frequency to a first-order approximation.
Second-order effects, such as dc losses in the external power
MOSFETs (see the Efficiency Consideration section), cause some
variation in frequency vs. load current and line voltage. These
effects are shown in Figure 23 to Figure 34. The variations in
frequency are much reduced compared with the variations
generated if the feedforward technique is not used.
The feedforward technique establishes the following relationship:
1
where fSW is the controller switching frequency (300 kHz,
600 kHz, and 1.0 MHz).
The tON timer senses VIN and VOUT to minimize frequency
variation as previously explained. This provides pseudo fixed
frequency as explained in the Pseudo Fixed Frequency section.
To allow headroom for VIN and VOUT sensing, adhere to the
following equations:
VREG ≥ VIN/8 + 1.5
VREG ≥ VOUT/4
For typical applications where VREG is 5 V, these equations are
not relevant; however, for lower VREG inputs, care may be required.
PSEUDO FIXED FREQUENCY
The ADP1878/ADP1879 employ a constant on-time control
scheme. During steady state operation, the switching frequency
stays relatively constant, or pseudo fixed. This is due to the one
shot tON timer that produces a high-side PWM pulse with a
fixed duration, given that external conditions such as input
voltage, output voltage, and load current are also at steady state.
During load transients, the frequency momentarily changes for
the duration of the transient event so that the output comes
back within regulation quicker than if the frequency were fixed,
or if it were to remain unchanged. After the transient event is
complete, the frequency returns to a pseudo fixed value.
To illustrate this feature more clearly, this section describes one
such load transient event—a positive load step—in detail. During
load transient events, the high-side driver output pulse width
stays relatively consistent from cycle to cycle; however, the off
time (DRVL on time) dynamically adjusts according to the
instantaneous changes in the external conditions mentioned.
When a positive load step occurs, the error amplifier (out of phase
with the output, VOUT) produces new voltage information at its
output (COMP). In addition, the current sense amplifier senses
new inductor current information during this positive load
transient event. The output voltage reaction of the error amplifier is
compared with the new inductor current information that sets
the start of the next switching cycle. Because current information
is produced from valley current sensing, it is sensed at the down
ramp of the inductor current, whereas the voltage loop information
HS AND LS
IN IDLE MODE
10mV = RON × ILOAD
ZERO-CROSS COMPARATOR
DETECTS 10mV OFFSET AND
TURNS OFF LS
SW
LS
0A
ILOAD
tON
ANOTHER
tON EDGE IS
TRIGGERED WHEN VOUT
FALLS BELOW REGULATION
C
R (TRIMMED)
VREG
tON
VIN
I
SW
INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com