Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6702
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 10Page - Analog Devices ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices ADRF6702 Datasheet HTML 15Page - Analog Devices ADRF6702 Datasheet HTML 16Page - Analog Devices ADRF6702 Datasheet HTML 17Page - Analog Devices ADRF6702 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADRF6701
Data Sheet
Rev. 0 | Page 14 of 36
0
10
20
30
40
50
60
70
80
90
100
–164 –163 –162 –161 –160 –159 –158 –157 –156 –155 –154
NOISE FLOOR (dBm/Hz)
LO = 800MHz
LO = 950MHz
LO = 1100MHz
Figure 28. IQ Modulator Noise Floor Cumulative Distributions at 800 MHz,
950 MHz, and 1100 MHz
–20
–15
–10
–5
0
5
10
15
20
0
50
100
150
200
250
300
TIME (µs)
Figure 29. Frequency Deviation from LO Frequency at
LO = 1.97 GHz to 1.96 GHz vs. Lock Time
–140
–120
–100
–80
–60
–40
–20
0
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
LO FEEDTHROUGH
SSB OUTPUT POWER
Figure 30. SSB Output Power and LO Feedthrough with RF Output Disabled
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 31. VPTAT Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com