Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6702
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 18Page - Analog Devices ADRF6702 Datasheet HTML 19Page - Analog Devices ADRF6702 Datasheet HTML 20Page - Analog Devices ADRF6702 Datasheet HTML 21Page - Analog Devices ADRF6702 Datasheet HTML 22Page - Analog Devices ADRF6702 Datasheet HTML 23Page - Analog Devices ADRF6702 Datasheet HTML 24Page - Analog Devices ADRF6702 Datasheet HTML 25Page - Analog Devices ADRF6702 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADRF6701
Data Sheet
Rev. 0 | Page 22 of 36
REGISTER 1—MODULUS DIVIDE CONTROL
(DEFAULT: 0x003001)
With Register 1, Bits[2:0] set to 001, the on-chip modulus
divide control register is programmed as shown in Figure 42.
Modulus Value
The modulus value is the preset fractional modulus ranging
from 1 to 2047.
REGISTER 2—FRACTIONAL DIVIDE CONTROL
(DEFAULT: 0x001802)
With Register 2, Bits[2:0] set to 010, the on-chip fractional
divide control register is programmed as shown in Figure 43.
Fractional Value
The FRAC value is the preset fractional modulus ranging from
0 to <MDR.
MODULUS VALUE
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
MD10
MD9
MD8
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0 C3(0) C2(0) C1(1)
MD10
MD9MD8MD7MD6
MD5MD4MD3MD2
MD1MD0
0
0
0000
0000
1
0
0
0000
0001
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
1
0000
0000
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
1
1111
1111
1
MODULUS VALUE
...
...
2047
CONTROL BITS
1
1536 (DEFAULT)
2
...
...
RESERVED
Figure 42. Register 1—Modulus Divide Control Register Map
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
0
0
000
000
000
0
0
000
000
001
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0
1
100
000
000
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FRACTIONAL VALUE MUST BE LESS THAN MODULUS.
FRACTIONAL VALUE
0
1
...
...
768 (DEFAULT)
...
...
<MDR
FRACTIONAL VALUE
RESERVED
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONTROL BITS
0
0
0
0
0
0
0
0
0
0
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
C3(0) C2(1) C1(0)
Figure 43. Register 2—Fractional Divide Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com