Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6702
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 16Page - Analog Devices ADRF6702 Datasheet HTML 17Page - Analog Devices ADRF6702 Datasheet HTML 18Page - Analog Devices ADRF6702 Datasheet HTML 19Page - Analog Devices ADRF6702 Datasheet HTML 20Page - Analog Devices ADRF6702 Datasheet HTML 21Page - Analog Devices ADRF6702 Datasheet HTML 22Page - Analog Devices ADRF6702 Datasheet HTML 23Page - Analog Devices ADRF6702 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADRF6701
Data Sheet
Rev. 0 | Page 20 of 36
REGISTER SUMMARY
Table 9. Register Functions
Register
Function
Register 0
Integer divide control (for the PLL)
Register 1
Modulus divide control (for the PLL)
Register 2
Fractional divide control (for the PLL)
Register 3
Σ-Δ modulator dither control
Register 4
PLL charge pump, PFD, and reference path control
Register 5
LO path and modulator control
Register 6
VCO control and VCO enable
Register 7
External VCO enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com