Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6702
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 19Page - Analog Devices ADRF6702 Datasheet HTML 20Page - Analog Devices ADRF6702 Datasheet HTML 21Page - Analog Devices ADRF6702 Datasheet HTML 22Page - Analog Devices ADRF6702 Datasheet HTML 23Page - Analog Devices ADRF6702 Datasheet HTML 24Page - Analog Devices ADRF6702 Datasheet HTML 25Page - Analog Devices ADRF6702 Datasheet HTML 26Page - Analog Devices ADRF6702 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADRF6701
Rev. 0 | Page 23 of 36
REGISTER 3—Σ-Δ MODULATOR DITHER CONTROL
(DEFAULT: 0x10000B)
With Register 3, Bits[2:0] set to 011, the on-chip Σ-Δ modulator
dither control register is programmed as shown in Figure 44. The
recommended and default setting for dither enable is enabled (1).
The default value of the dither magnitude (15) should be set to a
recommended value of 1.
The dither restart value can be programmed from 0 to 217 − 1,
though a value of 1 is typically recommended.
DITHER
ENABLE
DB23
DB22
DB21
DB20
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
DITH1
DITH0
DEN
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9 DV8 DV7 DV6 DV5 DV4 DV3 DV2 DV1 DV0 C3(0) C2(1) C1(1)
DITH1
DITH0
00
01
10
11
DEN
0
1
DITHER
MAGNITUDE
DITHER RESTART VALUE
CONTROL BITS
DITHER MAGNITUDE
15 (DEFAULT)
7
3
1 (RECOMMENDED)
DITHER ENABLE
DISABLE
ENABLE (DEFAULT, RECOMMENDED)
DV16 DV15 DV14 DV13 DV12 DV11 DV10 DV9 DV8 DV7 DV6 DV5 DV4 DV3 DV2 DV1 DV0
00
0
0
0
0
00
0
0
0
0
0
0
0
0
1
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
11
1
1
1
1
11
1
1
1
1
1
1
1
1
DV2
0
...
...
11
0x00001 (DEFAULT)
...
...
0x1FFFF
DITHER RESTART
VALUE
Figure 44. Register 3—Σ-Δ Modulator Dither Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com