Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2370ACPZ-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2370ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 4 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Frequency Synchronization Range
fSYNC_RANGE
FSEL = 0 V, 3.2 V ≤ VIN ≤ 15 V
400
800
kHz
FSEL = VIN, 3.2 V ≤ VIN ≤ 15 V
0.8
1.6
MHz
Synchronization Threshold
High
SYNCHIGH
3.2 V ≤ VIN ≤ 15 V
1.2
V
Low
SYNCLOW
3.2 V ≤ VIN ≤ 15 V
0.4
V
Hysteresis
SYNCHYS
3.2 V ≤ VIN ≤ 15 V
200
mV
Typical Sync Duty Cycle Range
SYNCDUTY
VIN (1.2 MHz), 3.2 V ≤ VIN ≤ 5 V, FSEL = VIN
20
55
%
VIN (1.2 MHz), 5 V ≤ VIN ≤ 15 V, FSEL = VIN
20
70
%
SYNC Pin Leakage Current
SYNCLKG
SYNC = 0 V or SYNC = VIN
0.05
1
μA
FSEL Threshold
3.2 V ≤ VIN ≤ 15 V
High
FESLHIGH
1
V
Low
FSELLOW
0.4
V
Hysteresis
FSELHYS
125
mV
FSEL Pin Leakage Current
FSELLKG
FSEL = 0 V or FSEL = VIN
0.04
1
μA
POWER GOOD (PG PIN)
PG Threshold
3.2 V ≤ VIN ≤ 15 V
Rising
PGRISE
92
95
%
Falling
PGFALL
82.5
87
%
Hysteresis
PGHYS
5
%
PG Output Low
PGLOW
Pull-up current < 1 mA
0.3
V
PG Delay
Rising
PGDELAYRISE
VOUT crossing PG rising threshold, pull-up
current < 1 mA
20
μs
Falling
PGDELAYFALL
VOUT crossing PG falling threshold, pull-up
current < 1 mA
0.5
μs
PG Leakage
PGLKG
0.04
1
μA
UNDERVOLTAGE LOCKOUT (UVLO)
Input Voltage Rising
UVLORISE
3.19
V
Input Voltage Falling
UVLOFALL
2.80
V
Hysteresis
UVLOHYS
190
mV
ENABLE INPUT STANDBY (EN PIN)
3.2 V ≤ VIN ≤ 15 V
EN Input Logic
V
High
ENSTBY-HIGH
1
Low
ENSTBY-LOW
0.4
V
Hysteresis
ENSTBY-HYS
125
mV
ENABLE INPUT PRECISION (EN PIN)
3.2 V ≤ VIN ≤ 15 V
EN Input Logic
High
ENHIGH
1.135
1.2
1.26
V
Low
ENLOW
1.045
1.1
1.155
V
Hysteresis
ENHYS
100
mV
EN Input Leakage Current
IEN-LKG
EN = VIN or GND
0.05
1
µA
EN Input Delay Time
TIEN-DLY
For VOUT = 0 V to 0.1 × VOUT when EN rises from
0 V to VIN
70
μs
THERMAL SHUTDOWN
3.2 V ≤ VIN ≤ 15 V
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com