Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2370ACPZ-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2370ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 18 of 32
0
0.02
0.04
0.05
0.01
0.03
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
3.2V
5.0V
9.0V
15V
Figure 63. Output Ripple vs. Load Current, VOUT = 1.8 V, Different Input
Voltages, Automatic Mode
0
0.04
0.06
0.08
0.02
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
4.5V
5.0V
9.0V
15V
Figure 64. Output Ripple vs. Load Current, VOUT = 3.3 V, Different Input
Voltages, Automatic Mode
0
0.04
0.06
0.08
0.10
0.02
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
5.8V
6.0V
9.0V
15V
Figure 65. Output Ripple vs. Load Current, VOUT = 5 V, Different Input
Voltages, Automatic Mode
0
0.005
0.010
0.015
0.020
0.025
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
4V
5V
9V
15V
Figure 66. Output Ripple vs. Load Current, VOUT = 3.3 V, Different Input
Voltages, Force PWM Mode
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
3.0V
3.5V
4.0V
5.0V
6.0V
7.0V
10.0V
Figure 67. PMOS RDSON vs. Temperature at 400 mA, Different Input Voltages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
3.0V
3.5V
4.0V
5.0V
6.0V
7.0V
10.0V
Figure 68. NMOS RDSON vs. Temperature at 400 mA, Different Input Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com