Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2370ACPZ-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2370ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 9 of 32
1.15
1.17
1.19
1.21
1.23
1.25
–40
–5
25
85
125
TEMPERATURE (°C)
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 9. Output Voltage vs. Temperature, VOUT = 1.2 V, VIN = 4 V,
Different Loads
1.70
1.75
1.80
1.85
1.90
–40
–5
25
85
125
TEMPERATURE (°C)
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 10. Output Voltage vs. Temperature, VOUT = 1.8 V, VIN = 7.2 V,
Different Loads
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3
5
7
9
11
13
15
INPUT VOLTAGE (V)
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 11. Line Regulation, VOUT = 3.3 V, Different Loads
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0.1
1
10
100
1000
LOAD (mA)
3.8V
4.55V
6.05V
7.30V
10.55V
12.05V
15.05V
Figure 12. Load Regulation, VOUT = 3.3 V
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3
5
7
9
11
13
15
INPUT VOLTAGE (V)
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 13. Line Regulation, VOUT = 5.0 V, Different Loads
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.1
1
10
100
1000
LOAD (mA)
5.40V
6.00V
7.20V
9.00V
10.80V
12.00V
15.05V
Figure 14. Load Regulation, VOUT = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com