Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2370ACPZ-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2370ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2370ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 12 of 32
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
100
1000
LOAD (mA)
600kHz
1.2MHz
Figure 27. Efficiency vs. Load Current, Different Switching Frequency,
VOUT = 1.8 V, VIN = 9 V
CH1 500mA
BW
CH3 1.00V BW
CH2 20.0mV
B
W
M10.0µs A CH3
4.56V
1
2
3
T
11.00%
VOUT
VIN
INDUCTOR CURRENT
Figure 28. Line Transient, VOUT = 1.8 V, PSM Mode, 100 mA, VIN1 = 4 V to 5 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
4.64V
1
T
11.20%
VOUT
VIN
INDUCTOR CURRENT
CH1 200mA
BW
CH3 1.00V BW
CH2 20.0mV
B
W
Figure 29. Line Transient, VOUT = 1.8 V, PWM Mode, 800 mA, VIN1 = 4 V to 5 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
4.56V
2
1
3
T
11.0%
VOUT
VIN
INDUCTOR CURRENT
CH1 500mA
BW
CH3 1.00V BW
CH2 20.0mV
B
W
Figure 30. Line Transient, VOUT = 1.2 V, PSM Mode, 100 mA, VIN1 = 4 V to 5 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
5.44V
1
2
3
T
10.80%
VOUT
VIN
INDUCTOR CURRENT
CH1 500mA
BW
CH3 1.00V BW
CH2 10.0mV
B
W
Figure 31. Line Transient, VOUT = 1.2 V, PWM Mode, 800 mA, VIN1 = 4 V to 5 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
6.78V
1
2
3
T
11.40%
VOUT
VIN
INDUCTOR CURRENT
CH1 200mA Ω BW
CH3 1.00V BW
CH2 20.0mV
B
W
Figure 32. Line Transient, VOUT = 3.3 V, PSM Mode, 100 mA, VIN1 = 6 V to 7 V,
2 μs Rise Time, CIN = 3.3 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com