Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF195 Datasheet(PDF) 7 Page - Analog Devices

Part # REF195
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF195 Datasheet(HTML) 7 Page - Analog Devices

Back Button REF195 Datasheet HTML 3Page - Analog Devices REF195 Datasheet HTML 4Page - Analog Devices REF195 Datasheet HTML 5Page - Analog Devices REF195 Datasheet HTML 6Page - Analog Devices REF195 Datasheet HTML 7Page - Analog Devices REF195 Datasheet HTML 8Page - Analog Devices REF195 Datasheet HTML 9Page - Analog Devices REF195 Datasheet HTML 10Page - Analog Devices REF195 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 7 of 32
ADR4540 ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN = 4.2 V to 15 V, IL = 0 mA, TA = 25°C.
Table 7.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
4.096
V
INITIAL OUTPUT VOLTAGE ERROR
VOUT_ERR
B grade
±0.02
%
820
μV
A grade
±0.04
%
1.64
mV
SOLDER HEAT SHIFT
±0.02
%
TEMPERATURE COEFFICIENT
TCVOUT
B grade, −40°C ≤ TA ≤ +125°C
2
ppm/°C
A grade, −40°C ≤ TA ≤ +125°C
4
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
−40°C ≤ TA ≤ +125°C
1
10
ppm/V
LOAD REGULATION
ΔVOUT/ΔIL
IL = 0 mA to +10 mA source, −40°C ≤ TA ≤ +125°C
25
80
ppm/mA
IL = 0 mA to −10 mA sink, −40°C ≤ TA ≤ +125°C
50
120
ppm/mA
QUIESCENT CURRENT
IQ
−40°C ≤ TA ≤ +125°C, no load
700
950
μA
DROPOUT VOLTAGE
VDO
−40°C ≤ TA ≤ +125°C, no load
100
mV
−40°C ≤ TA ≤ +125°C, IL = 2 mA
300
mV
RIPPLE REJECTION RATIO
RRR
fIN = 1 kHz
90
dB
OUTPUT CURRENT CAPACITY
IL
Sinking
−10
mA
Sourcing
10
mA
OUTPUT VOLTAGE NOISE
eNp-p
0.1 Hz to 10.0 Hz
2.7
μV p-p
OUTPUT VOLTAGE NOISE DENSITY
eN
1 kHz
83.5
nV/√Hz
OUTPUT VOLTAGE HYSTERESIS
ΔVOUT_HYS
TA = temperature cycled from +25°C to −40°C to
+125°C and back to +25°C
50
ppm
LONG-TERM DRIFT
ΔVOUT_LTD
1000 hours at 60°C
25
ppm
TURN-ON SETTLING TIME
tR
IL = 0 mA, CL = 0.1 µF, CIN = 0.1 µF, RL = 1 kΩ
155
µs
LOAD CAPACITANCE
0.1
100
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com