Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF195 Datasheet(PDF) 12 Page - Analog Devices

Part # REF195
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF195 Datasheet(HTML) 12 Page - Analog Devices

Back Button REF195 Datasheet HTML 8Page - Analog Devices REF195 Datasheet HTML 9Page - Analog Devices REF195 Datasheet HTML 10Page - Analog Devices REF195 Datasheet HTML 11Page - Analog Devices REF195 Datasheet HTML 12Page - Analog Devices REF195 Datasheet HTML 13Page - Analog Devices REF195 Datasheet HTML 14Page - Analog Devices REF195 Datasheet HTML 15Page - Analog Devices REF195 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 12 of 32
Figure 9. ADR4520 Line Regulation vs. Temperature
Figure 10. ADR4520 Supply Current vs. Supply Voltage
Figure 11. ADR4520 Output Voltage Noise
(Maximum Amplitude from 0.1 Hz to 10 Hz)
Figure 12. ADR4520 Output Noise Spectral Density
Figure 13. ADR4520 Ripple Rejection Ratio vs. Frequency
Figure 14. ADR4520 Line Transient Response
TEMPERATURE (°C)
ADR4520
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
–60
–40
–20
0
20
40
60
80
100
120
140
VIN (V)
0
1000
800
600
400
200
0
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
–40°C
+25°C
+125°C
ADR4520
OUTPUT VOLTAGE NOISE DISTRIBUTION (µV p-p)
0
120
100
80
60
40
20
2.8
2.5
2.2
1.9
1.6
1.3
1.0
0.7
0.4
ADR4520
FREQUENCY (Hz)
1
1k
100
10
100k
0.01
0.1
1
10
100
1k
10k
ADR4520
FREQUENCY (Hz)
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
ADR4520
CLOAD = 1µF
100M
10
100
1k
10k
100k
1M
10M
CH1 1.00V
CH2 1.00mV
B
W
M40.0µs
A CH1
7.02V
2
1
ADR4520
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 12.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com