Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF195 Datasheet(PDF) 14 Page - Analog Devices

Part # REF195
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF195 Datasheet(HTML) 14 Page - Analog Devices

Back Button REF195 Datasheet HTML 10Page - Analog Devices REF195 Datasheet HTML 11Page - Analog Devices REF195 Datasheet HTML 12Page - Analog Devices REF195 Datasheet HTML 13Page - Analog Devices REF195 Datasheet HTML 14Page - Analog Devices REF195 Datasheet HTML 15Page - Analog Devices REF195 Datasheet HTML 16Page - Analog Devices REF195 Datasheet HTML 17Page - Analog Devices REF195 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 14 of 32
ADR4525
Figure 18. ADR4525 Output Voltage vs. Temperature
Figure 19. ADR4525 Thermally Induced Output Voltage Hysteresis Distribution
Figure 20. ADR4525 Output Voltage Start-Up Response
Figure 21. ADR4525 Dropout Voltage vs. Load Current
Figure 22. ADR4525 Load Regulation vs. Temperature (Sourcing)
Figure 23. ADR4525 Load Regulation vs. Temperature (Sinking)
TEMPERATURE (°C)
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5003
2.5004
2.5005
–50
–30
–10
10
30
50
70
90
110
130
ADR4525
ΔVOUT_HYS (ppm)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
ADR4520
ADR4525
ADR4530
ADR4533
ADR4540
ADR4550
CH1 5.00V
CH2 1.00V
M40.0µs
A CH1
9.10V
1
2
ADR4525
VIN (5V/DIV)
VOUT (1V/DIV)
ILOAD (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–15
15
10
5
0
–5
–10
–40°C
+25°C
+125°C
ADR4525
TEMPERATURE (°C)
0
35
30
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
ADR4525
TEMPERATURE (°C)
0
100
90
80
70
60
50
40
30
20
10
–60
–40
–20
0
20
40
60
80
100
120
140
ADR4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com