Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF195 Datasheet(PDF) 1 Page - Analog Devices

Part # REF195
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF195 Datasheet(HTML) 1 Page - Analog Devices

  REF195 Datasheet HTML 1Page - Analog Devices REF195 Datasheet HTML 2Page - Analog Devices REF195 Datasheet HTML 3Page - Analog Devices REF195 Datasheet HTML 4Page - Analog Devices REF195 Datasheet HTML 5Page - Analog Devices REF195 Datasheet HTML 6Page - Analog Devices REF195 Datasheet HTML 7Page - Analog Devices REF195 Datasheet HTML 8Page - Analog Devices REF195 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Ultralow Noise, High Accuracy
Voltage References
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum temperature coefficient (TCVOUT): 2 ppm/°C
Output noise (0.1 Hz to 10 Hz)
Less than 1 μV p-p at VOUT of 2.048 V typical
Initial output voltage error: ±0.02% (maximum)
Input voltage range: 3 V to 15 V
Operating temperature: −40°C to +125°C
Output current: +10 mA source/−10 mA sink
Low quiescent current: 950 μA (maximum)
Low dropout voltage: 300 mV at 2 mA (VOUT ≥ 3 V)
8-lead SOIC package
APPLICATIONS
Precision data acquisition systems
High resolution data converters
High precision measurement devices
Industrial instrumentation
Medical devices
Automotive battery monitoring
PIN CONFIGURATION
Figure 1. 8-Lead SOIC
GENERAL DESCRIPTION
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 devices are high precision, low power, low noise
voltage references featuring ±0.02% maximum initial error,
excellent temperature stability, and low output noise.
This family of voltage references uses an innovative core
topology to achieve high accuracy while offering industry-leading
temperature stability and noise performance. The low, thermally
induced output voltage hysteresis and low long-term output
voltage drift of the devices also improve system accuracy over
time and temperature variations.
A maximum operating current of 950 μA and a maximum low
dropout voltage of 300 mV allow the devices to function very
well in portable equipment.
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 series of references is provided in an 8-lead SOIC
package and is available in a wide range of output voltages, all of
which are specified over the extended industrial temperature
range of −40°C to +125°C.
Table 1. Selection Guide
Model
Output Voltage (V)
ADR4520
2.048
ADR4525
2.5
ADR4530
3.0
ADR4533
3.3
ADR4540
4.096
ADR4550
5.0
Table 2. Voltage Reference Choices from Analog Devices
VOUT (V)
Low Cost/
Low Power
Micropower
Ultralow
Noise
High Voltage,
High Performance
2.048
ADR360
REF191
ADR430
ADR3420
ADR440
2.5
ADR3425
ADR291
ADR431
ADR03
AD1582
REF192
ADR441
AD780
ADR361
5.0
ADR3450
ADR293
ADR435
ADR02
AD1585
REF195
ADR445
AD586
ADR365
NC
1
VIN 2
NC
3
GND
4
TP
8
NC
7
VOUT
6
NC
5
NOTES
1. NC = NO CONNECT.
2. TP = TEST PIN. DO NOT CONNECT.
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
TOP VIEW
(Not to Scale)


Similar Part No. - REF195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF195 AD-REF195 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF195 AD-REF195 Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF195ES AD-REF195ES Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF195ES-REEL AD-REF195ES-REEL Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF195ESZ AD-REF195ESZ Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
More results

Similar Description - REF195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
Ultralow Noise Microphone
REV. 0
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
Ultralow Noise Microphone
REV. A
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
Ultralow Noise, High Accuracy Voltage References
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com