Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM3302ACPZ-R7
Description  2 횞10 W Filterless Class-D
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM3302ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSM3302
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise stated, all data at PVDD = 12 V, EDGE = low, MONO = low, REGEN = high, and GAIN = 9 dB.
100
10
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
OUTPUT POWER (W)
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = LOW
PVDD = 7V
PVDD = 12V
PVDD = 18V
100
10
0.001
0.01
0.1
1
1m
0.1m
0.01m
10m
100m
1
10
100
OUTPUT POWER (W)
RL = 8Ω + 33µH
GAIN = 9dB
PVDD = 12V
EDGE = LOW
EDGE = HIGH
Figure 3. THD + N vs. Output Power into 8 Ω;
PVDD = 7 V, PVDD = 12 V, PVDD = 18 V
Figure 6. THD + N vs. Output Power into 8 Ω;
EDGE = High, EDGE = Low
100
10
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
OUTPUT POWER (W)
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = LOW
PVDD = 7V
PVDD = 12V
PVDD = 18V
100
10
0.001
0.01
0.1
1
1m
0.1m
0.01m
10m
100m
1
10
100
OUTPUT POWER (W)
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = LOW
EDGE = HIGH
Figure 4. THD + N vs. Output Power into 4 Ω;
PVDD = 7 V, PVDD = 12 V, PVDD = 18 V
Figure 7. THD + N vs. Output Power into 4 Ω;
EDGE = High, EDGE = Low
100
10
0.0001
0.001
0.01
0.1
1
1m
0.1m
0.01m
10m
100m
1
10
100
OUTPUT POWER (W)
RL = 2Ω + 7.5µH
GAIN = 9dB
PVDD = 7V
PVDD = 12V
PVDD = 18V
100
10
0.0001
0.001
0.01
0.1
1
1m
0.1m
0.01m
10m
100m
1
10
100
OUTPUT POWER (W)
RL = 2Ω + 7.5µH
GAIN = 9dB
EDGE = HIGH
EDGE = LOW
Figure 5. THD + N vs. Output Power into 2 Ω;
Mono Mode; Gain = 9 dB; PVDD = 7 V, PVDD = 12 V, 1 PVDD = 8 V
Figure 8. THD + N vs. Output Power into 2 Ω;
EDGE = High, EDGE = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com