Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM3302ACPZ-R7
Description  2 횞10 W Filterless Class-D
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM3302ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 15Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 16Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 17Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 18Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
SSM3302
Rev. 0 | Page 15 of 20
INPUT+
INPUT–
SSM3302
PVDD
PGND
THERM
GAIN
CONTROL
40kΩ
40kΩ
MODULATOR
(Σ-∆)
FET
DRIVER
INR+
INR–
MONO
INTERNAL
OSCILLATOR
BIAS
BOOTR+
BOOTR–
OUTR+
OUTR–
EDGE
CONTROL
SDNR
GAIN
CONTROL
40kΩ
40kΩ
MODULATOR
(Σ-∆)
FET
DRIVER
INL+
INL–
BOOTR+
EDGE
BOOTR–
OUTR+
OUTR–
SDNL
BIAS
GAIN
VREG
VREG/
AVDD
REGEN
AGND
0.1µF
0.1µF
SHUTDOWN
0.22µF
0.22µF
0.22µF
0.22µF
2.2µF
EMISSION
CONTROL
GAIN SELECT
RGAIN
5V
REGULATOR
ENABLE
GAIN = 9dB, 12dB, 15dB, 18dB, or 24dB
470µF
10µF
2× 1µF
PVDD
7V TO 18V
OVERTEMPERATURE
WARNING
AVDD
Figure 38. Mono Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com