Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM3302ACPZ-R7
Description  2 횞10 W Filterless Class-D
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM3302ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SSM3302
Data Sheet
Rev. 0 | Page 10 of 20
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
16
0
718
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
8
9
10
11
12
13
14
15
16
17
PVDD = 18V
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = LOW
4Ω + 15µH
NO LOAD
8Ω + 33µH
PO = 10W
PO = 2.5W
PO = 5W
Figure 15. THD + N vs. Frequency;
RL = 8 Ω; PVDD = 18 V; PO = 2.5 W, PO = 5 W, PO = 10 W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 18V
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = 0
PO = 2.5W
PO = 10W
PO = 5W
Figure 16. THD + N vs. Frequency;
RL = 4 Ω; PVDD = 18 V; PO = 2.5 W, PO = 5 W, PO = 10 W
100
10
0.001
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
PVDD = 18V
RL = 2Ω + 7.5µH
GAIN = 9dB
EDGE = 0
MONO = 5V
PO = 2.5W
PO = 0.5W
PO = 5W
Figure 17. THD + N vs. Frequency;
RL = 2 Ω; Mono Mode; PVDD = 18 V; PO = 0.5 W, PO = 2.5 W, PO = 5 W
Figure 18. Quiescent Current vs. Supply Voltage,
RL = 8 Ω + 33 μH, No Load, , RL = 4 Ω + 15 μH
16
0
718
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
8
9
10
11
12
13
14
15
16
17
NO LOAD
2Ω + 7.5µH
4Ω + 15µH
25
0
7
SUPPLY VOLTAGE (V)
5
10
15
20
911
13
15
17
Figure 19. Quiescent Current vs. Supply Voltage,
Mono Mode, No Load, RL = 4 Ω + 15 μH, RL = 2 Ω + 7.5 μH
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = 0
THD = 10%
THD + N = 1%
Figure 20. Maximum Output Power vs. Supply Voltage;
RL = 8 Ω; THD + N = 1%, THD + N = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com