Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM3302ACPZ-R7
Description  2 횞10 W Filterless Class-D
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM3302ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 9Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 10Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 11Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 12Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 13Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 14Page - Analog Devices SSM3302ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
SSM3302
Rev. 0 | Page 11 of 20
30
0
715
SUPPLY VOLTAGE (V)
5
10
15
20
25
8
9
10
11
12
13
14
RL = 4Ω + 15µH
GAIN = 9dB
EDGE = 0
THD = 10%
800
0
04.5
OUTPUT POWER (W)
100
200
300
400
500
600
700
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PVDD = 7V
PVDD = 12V
THD + N = 1%
PVDD = 18V
RL = 4Ω + 15µH
GAIN = 9dB
REGEN = 5V
Figure 21. Maximum Output Power vs. Supply Voltage;
RL = 4 Ω; THD + N = 1%, THD + N = 10%
60
0
7
SUPPLY VOLTAGE (V)
10
20
30
40
50
911
13
15
17
RL = 2Ω + 7.5µH
GAIN = 9dB
EDGE = 0
MONO
THD = 10%
THD = 1%
Figure 22. Maximum Output Power vs. Supply Voltage;
RL = 2 Ω; Mono Mode; THD + N = 1%, THD + N = 10%
800
0
05.0
OUTPUT POWER (W)
100
200
300
400
500
600
700
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
RL = 8Ω + 33µH
GAIN = 9dB
REGEN = 5V
PVDD = 7V
PVDD = 12V
PVDD = 18V
Figure 23. Supply Current vs. Output Power into 8 Ω;
PVDD = 7 V, PVDD = 12 V, PVDD = 18 V
Figure 24. Supply Current vs. Output Power into 4 Ω;
PVDD = 7 V, PVDD = 12 V, PVDD = 18 V
3500
0
040
OUTPUT POWER (W)
500
1000
1500
2000
2500
3000
5
10
15
20
253035
PVDD = 12V
RL = 2Ω + 7.5µH
GAIN = 9dB
REGEN = 5V
PVDD = 18V
PVDD = 7V
Figure 25. Supply Current vs. Output Power into 2 Ω;
Mono Mode; PVDD = 7 V, PVDD = 12 V, PVDD = 18 V
100
90
80
70
60
50
0
10
20
30
40
05
30
25
20
15
10
OUTPUT POWER (W)
PVDD =7V
PVDD = 18V
PVDD = 12V
RL = 8Ω + 33µH
GAIN = 9dB
EDGE = LOW
Figure 26. Efficiency vs. Output Power into 8 Ω;
PVDD = 7 V, PVDD = 12 V, PVDD = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com