Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71013-RFX Datasheet(PDF) 30 Page - Amphenol Corporation

Part # 31-71013-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71013-RFX Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button 31-71013-RFX Datasheet HTML 22Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 23Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 24Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 25Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 26Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 27Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 28Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 29Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
BNC 75 ohm
Amphenol
®
Bulkhead Adapters
134
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
75
Ω BNC Bulkhead Adapters (J/J)
31-220N-75
31-220N-75RFX
31-70020
75
Ω BNC Bulkhead Adapter (J/J)
Isolated from Panel
31-4803-75
Description
Dimensions, inches (millimeters)
Notes
Mtg.
UG
75
Ω
Amphenol
Fig.
a
b
d
e
Plt.
Ins.
Hole
No.
Type
Number
Gasketed
Jack-Jack
1.40(35.6)
.750(19.0)
.666(16.9)
.172(4.4)
P15
D1
Y
—
T1
31-70020
1
Not Gasketed
Jack-Jack
1.28(32.5)
.750(19.0)
.492(12.5)
.216(5.5)
P7
D23
Y
—
T2
31-220N-75RFX
1
Not Gasketed
Jack-Jack
1.40(35.6)
.800(20.3)
.664(16.8)
.181(4.6)
P17
D1
Y
—
T2
31-220N-75
1
Isolated
Jack-Jack
1.28(32.5)
.625(15.9)
.460(11.7)
.190(4.8)
P17
D12
Y
—
T2
31-4803-75
2
75
Ω BNC BULKHEAD ADAPTERS
v distributor stocked
v
v
a
d
e
max panel
b
.625(15.9) hex nut
lock washer
.510(13.9)
.475(12.1)
Y
.510(13.9)
.475(12.1)
Y
a
b
.625(15.9) hex nut
lock washer
e
max panel
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com