Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71013-RFX Datasheet(PDF) 21 Page - Amphenol Corporation

Part # 31-71013-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71013-RFX Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button 31-71013-RFX Datasheet HTML 17Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 18Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 19Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 20Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 21Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 22Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 23Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 24Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BNC 75 ohm
Amphenol
®
Plugs
125
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
75
Ω BNC PLUGS AND ANGLE PLUGS
Cable
Connector
Cable Attachment
Dimensions, inches (millimeters)
Notes
75
Ω
Amphenol
Fig.
RG-/U
Configuration
Outer
Inner
a s
c •
d
CAI
Plt.
Ins.
Type
Number
RG-6 Type .295" O.D. max.
Plug
Crimp
Crimp
1.35(34.3)
.300(7.6)
—
C31
P15
D1
T1
31-70000✩
1
Belden 9248, 1694A
Plug
Crimp
Crimp
1.21(30.7)
.300(7.6)
—
C32
P7
D26
T2
31-71000-RFX✩
1
(Single Shield)
Plug
Crimp
Crimp
1.25(31.8)
.300(7.6)
—
C31
P15
D1
T1
31-70000-1000
1
Plug
Crimp
Crimp
1.21(30.7)
.300(7.6)
—
C32
P15
D1
T2
31-71064
1
59, 62
Plug
Crimp
Crimp
1.25(31.7)
.261(6.6)
—
C31
P16
D1
T1
31-70008
1
Belden 8241, 8263,
Plug
Crimp
Crimp
1.12(28.6)
.261(6.6)
—
C32
P15
D1
T2
31-71008
1
8279, 9209
Plug
Crimp
Crimp
1.17(29.8)
.260(6.6)
—
C32
P7
D26
T2
31-71008-RFX
1
59 (20GA CC)
Plug
Crimp
Crimp
1.25(31.8)
.261(6.6)
—
C31
P15
D1
T1
31-70008-3000
1
Belden 1426A, 1505A
Plug
Crimp
Crimp
1.12(28.5)
.261(6.6)
—
C32
P15
D1
T2
31-71008-1000
1
9100, 9278
Plug
Crimp
Crimp
1.17(29.8)
.261(6.6)
—
C32
P7
D26
T2
31-71008-1RFX
1
Plenum 59, Belden 88241
Plug
Crimp
Crimp
1.11(28.2)
.220(5.6)
—
C32
P15
D1
T2
31-71008-2000
1
82259, 89259
Plenum 59 (20GA CC)
Plug
Crimp
Crimp
1.11(28.2)
.220(5.6)
—
C32
P15
D1
T2
31-71035
1
Belden 82108
Dbl Shield 59 (20GA CC)
Plug
Crimp
Crimp
1.36(34.5)
.334(8.5)
—
C31
P15
D1
T1
31-70222
1
179, 187
Plug
Crimp
Crimp
1.33(33.5)
.120(3.0)
—
C31
P15
D1
T1
31-70013
1
Plug
Crimp
Crimp
1.19(30.2)
.120(3.0)
—
C32
P15
D1
T2
31-71013
1
Plug
Crimp
Crimp
1.19(30.2)
.106(2.7)
—
C32
P17
D23
T2
31-71013-RFX
1
Dbl. Br. 179
Plug
Crimp
Crimp
1.25(31.7)
.175(4.4)
—
C31
P15
D1
T1
31-70013-1000
1
Plug
Crimp
Crimp
1.11(28.2)
.175(4.4)
—
C32
P15
D1
T2
31-71013-1000
1
ATT 728B, Belden 9231
Plug
Crimp
Crimp
1.36(34.5)
.342(8.7)
—
C31
P16
D1
T1
31-70022
1
ATT 734A
Plug
Crimp
Crimp
1.25(31.7)
.261(6.6)
—
C31
P15
D1
T1
31-70008-1000
1
Belden 8218
Plug
Crimp
Crimp
1.11 (28.2)
.175(4.4)
—
C32
P15
D1
T2
31-71033
1
Belden 8281, 88281
Plug
Crimp
Crimp
1.21 (30.7)
.342(8.7)
—
C32
P15
D1
T2
31-71032
1
Belden 89248, (Plenum)
Plug
Crimp
Crimp
1.35 (34.3)
.250 (6.4)
—
C31
P15
D1
T1
31-70000✩
1
Belden 9290, 1152A
Plug
Crimp
Crimp
1.21 (30.7)
.314(8.0)
—
C32
P7
D26
T2
31-71000-RFX✩
1
(Double Shield)
Plug
Crimp
Crimp
1.21 (30.7)
.314(8.0)
—
C32
P15
D1
T2
31-71065
1
Belden 89292
Plug
Crimp
Crimp
1.62 (41.1)
.418(10.6)
❇
C32
P15
D1
T2
31-71034
1
Quad 59 Headend Cable
Plug
Crimp
Crimp
1.12 (28.6)
.287(7.3)
—
C32
P15
D1
T2
31-71066
1
Belden 1694
Plug
Crimp
Crimp
1.00(25.4)
.260(6.6)
—
C26a
P7
D1
T1
31-70234
1
Belden 8281
Plug
Crimp
Crimp
1.00(25.4)
.260(6.6)
—
C26a
P7
D1
T1
31-70235
1
Belden 8218
Plug
Crimp
Crimp
1.00(25.4)
.260(6.6)
—
C26a
P7
D1
T1
31-70236
1
Belden 734A
Plug
Crimp
Crimp
1.00(25.4)
.260(6.6)
—
C26a
P7
D1
T1
31-70237
1
Belden 735A
Plug
Crimp
Crimp
1.00(25.4)
.260(6.6)
—
C26a
P7
D1
T1
31-70238
1
Fig. 1
• accommodates cable diameter
s includes outer ferrule
✩ supplied with two crimp ferrules
v Distributor Stocked ❇ OD = .590(15.0)
75
Ω BNC Crimp Plugs
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
31-70000
31-70000-1000
31-70008
31-70008-1000
31-70008-3000
31-70013
31-70013-1000
31-70222
31-70234
31-70235
31-70236
31-70237
31-70238
31-71000-RFX
31-71008
31-71008-1000
31-71008-2000
31-71008-1RFX
31-71008-RFX
31-71013
31-71013-RFX
31-71013-1000
31-71032
31-71033
31-71034
31-71035
31-71064
31-71065
31-71066
.562
(14.3)
c•
a s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com