Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71013-RFX Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 31-71013-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71013-RFX Datasheet(HTML) 2 Page - Amphenol Corporation

  31-71013-RFX Datasheet HTML 1Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 2Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 3Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 4Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 5Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 6Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 7Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 8Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Description
Amphenol 50 ohm BNC connectors
ar e miniatur e, lightweight units
designed to operate up to 11 GHz
and typically yield low reflection
thr ough 4 GHz. Designed to
accomodate a large variety of RG
and industry standard cables, BNC
connectors are available in crimp-
crimp, clamp-solder, SURETWIST®,
and field serviceable termination
styles. A full line of printed circuit
boar d r eceptacles, bulkhead
receptacles, resistor terminations,
and other accessories complement
the product offering.
Features/Benefits
Amphenol manufactures a full line
of BNC connectors to meet all users’
needs. Parts which are listed with
the appropriate M39012 number in
the catalog ar e Military Grade
connectors produced in accordance
with and actively qualified to the
military specification MIL-C-39012.
Connectors not listed with the
M39012 number constitute the
Industrial Grade product offering.
These
connectors
pr ovide
comparable performance and
generally feature nickel plated brass
bodies, Teflon insulators, and either
gold or silver plated center contacts.
Amphenol’s Commercial Grade
connector offering carries the part
number designation “RFX” for easy
r ecognition. These low cost
connectors typically utilize diecast
and molded components. While
performance will not be equal to
the Industrial or Military grade
products, these connectors are
ideal for use on a variety of
commercial applications.
Amphenol’s 50 ohm BNC connectors
(where indicated) are recognized
under the Component Program of
Underwriter’s Laboratories, Inc.
They are ideal for use with medical
equipment and test instrumentation
wher e
safety
cannot
be
compromised.
Applications
• Computers/LANs
• Test and Measurement
• Medical Equipment
• Telecommunications
• W ireless/Networks
BNC 50 ohm
Coaxial Connectors
Amphenol
®
50 ohm
BNC 50 ohm Connectors
106
Plugs and Jacks
108-113
Adapters
119
PCB Connectors
120-121
106
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com