Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71013-RFX Datasheet(PDF) 23 Page - Amphenol Corporation

Part # 31-71013-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71013-RFX Datasheet(HTML) 23 Page - Amphenol Corporation

Back Button 31-71013-RFX Datasheet HTML 19Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 20Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 21Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 22Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 23Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 24Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 25Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 26Page - Amphenol Corporation 31-71013-RFX Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
BNC 75 ohm
Amphenol
®
Jacks & Receptacles
127
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
Fig. 4
Fig. 3
75
Ω BNC Receptacles (J) Front Mount
31-221-75RFX
31-70018
31-71004
75
Ω BNC Receptacle (J) Isolated from Panel
with Solder Cup & Ground Tab
31-10-75
31-10-75 RFXG2
31-70016
31-70016-1000
31-71011
31-71011-RFX
31-71016
31-71016-RFX
75
Ω BNC Crimp Bulkhead Jacks
Cable RG/U
Connector
Dimensions, inches (millimeters)
Notes
Mtg.
75
Ω
Amphenol
Fig.
Type
a s
bc q
d
e
CAI
Plt.
Ins.
Hole
Type
Number
59, Belden
Jack
1.18(30.0)
.510(12.9)
.261(6.6)
—
—
C31
P17
D1
—
T1
31-70009
1
8241, 8263
Bulkh. Jack
1.41(35.7)
.795(20.2)dia
.261(6.6)
.812(20.6)
.250(6.4)
C32
P15
D1
Y
T2
31-71011
59, 62, 140, 210
Bulkh. Jack
1.38(35.1)
.687(17.5)
.260(6.6)
.710(18.0)
.138(3.5)
C32
P7
D23
Y
T2
31-71011-RFX
2
179, 187
Jack
1.37(35.0)
.435(11.0)
.106(2.7)
—
—
C32
P7
D23
—
T2
31-71014-RFX 1
1.48(37.7)
.687(17.4)hex
.120(3.0)
.812(20.6)
.250(6.4)
C31
P17
D1
Y
T1
31-70016
Bulkh. Jack
1.41(35.7)
.795(20.2)dia
.120(3.0)
.812(20.6)
.250(6.4)
C32
P15
D1
Y
T2
31-71016
2
1.43(36.4)
.687(17.4)hex
.106(2.7)
.710(18.0)
.138(3.5)
C32
P7
D23
Y
T2
31-71016-RFX
Dbl. Br. 179
Bulkh. Jack
1.48(37.7)
.687(17.4)hex
.175(4.4)
.812(20.6)
.250(6.4)
C31
P15
D1
Y
T1
31-70016-1000 2
ATT 19224-L2
Bulkhead Receptacle (J)
1.06(27.0)
.490(12.4)
—
.472(12.0)
.125(3.2)
—
P15
D1
U
T2
31-71004
Front Mount
1.06(27.0)
.490(12.4)
—
.472(12.0)
.250(6.4)
—
P15
D1
U
T1
31-70018
3
1.05(26.7)
.500(12.7)
—
.475(12.1)
.138(3.5)
—
P7
D23
U
T2
31-221-75RFX
Bulkhead Receptacle (J)
1.19(30.2)
.490(12.4)
—
.472(12.0)
.187(4.7)
—
P15
D12
Z
T2
31-10-75
4
Frnt Mt, Iso. from Panel
Bulkhead Receptacle (J)
1.19(30.2)
.490(12.4)
—
.472(12.0)
.187(4.7)
—
P7
D12
Z
T2
31-10-75-RFXG2 4
Frnt Mt, Iso. from Panel
75
Ω BNC JACKS & RECEPTACLES
75
Ω BNC Crimp Jacks
31-70009
31-71014-RFX
s Includes outer ferrule • accommodates cable diameter v Distributor Stocked
c•
a s
b
.390(9.9) dia.
.355(9.2)
.510(13.09)
.475(12.1)
Y
U
d
b
a s
c•
.625(15.9) hex nut
e
max panel
.687(17.4) across flats
.375(9.5) dia.
.342(8.7)
Z
d
.340(8.6)
across one flat
.342(8.7)
across one flat
b
d
.500(12.7)
hex nut
lock washer
solder
cup
max.
panel
e
a
.500(12.7)
hex nut
lock washer
solder
cup
max.
panel
e
a
b
ground tab
v
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com