Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z15J Datasheet(PDF) 55 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 55 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 51Page - Switchcraft, Inc. Z15J Datasheet HTML 52Page - Switchcraft, Inc. Z15J Datasheet HTML 53Page - Switchcraft, Inc. Z15J Datasheet HTML 54Page - Switchcraft, Inc. Z15J Datasheet HTML 55Page - Switchcraft, Inc. Z15J Datasheet HTML 56Page - Switchcraft, Inc. Z15J Datasheet HTML 57Page - Switchcraft, Inc. Z15J Datasheet HTML 58Page - Switchcraft, Inc. Z15J Datasheet HTML 59Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
CONNECTORS
54 HP75BNC Series
True 75 Ohm BNC Series
The HP75BNC Series is a true 75
Ohm impedance BNC connector
series. All connectors meet stringent
guidelines for top performance. The
HP75BNC Series is available in a
wide variety of cable types. All use
standard crimping tools.
Features and Benefits
• True 75 Ohm impedance
• Rugged nickel-plated, machined
housings
• Gold-plated center pins enhance
performance
Specifications
Electrical
Contact Resistance: 75 Ohms
Voltage Rating: 500 Volts RMS
Return Loss: Less than -25 db
at 3 GHz
Insulation Resistance:
5000 Megohms minimum
Mechanical
Lifecycles: 500 minimum
Center Contact Retention:
6 lbs. minimum
Coupling Mechanism:
100 lbs. minimum
Force to Engage:
2.5 lbs. maximum
Environmental
Thermal Range: -65˚C to 165˚C
Moisture Resistance: Mil Std 202
Corrosion: Mil Std 202
Flammability: UL 94-V0
Vibration: Mil Std 202
Solvent Resistance: Mil Std 202
Finish
Body/Bayonet: Nickel-plated,
copper alloy
Center Conductor: 50 mi
gold-plated copper alloy
See Next Page for
Mechanical Drawings
HP75BNC1
Ordering Information
Part Number Crimp Info
Cable Type
HP75BNC1
Pin .041 Hex
Belden 8241, 8279, 82241
Ferrule .255
Gepco VJ59U
Comm/Scope 5563
HP75BNC2
Pin .041 Hex
Belden 8281, 8281B, 9141, 88281, 9231, 8141,
Ferrule .324 Hex
9118, 9248
Gepco VP618PE, VP618PVC, VP6000
Comm/Scope 7501, 7506
HP75BNC7
Pin .041 Hex
Belden 1694A, 1695A, 87120, 89120, 9066, 9114, 9659
Ferrule .278 Hex
Gepco VSD2001, VSD2001TS
Comm/Scope 5729 ,5765, 2227K, 2227V, 2229V,
2275V, 2276V, 2279V
HP75BNC9
Pin .041 Hex
Belden 1505A, 1506A, 8212, 8241F, 9167, 9259,
Ferrule .255 Hex
Gepco VPM2000, VPM2000TS, VPM2000TK
Comm/Scope 2000, 5553, 5565, 5572
HP75BNC12
Pin .041 Hex
Belden 1855A, 1865A
Ferrule .178 Hex
Gepco VDM230, VDM250, RGB230/250 Series
Comm/Scope 7537, 7538
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com