Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z15J Datasheet(PDF) 45 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 45 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 41Page - Switchcraft, Inc. Z15J Datasheet HTML 42Page - Switchcraft, Inc. Z15J Datasheet HTML 43Page - Switchcraft, Inc. Z15J Datasheet HTML 44Page - Switchcraft, Inc. Z15J Datasheet HTML 45Page - Switchcraft, Inc. Z15J Datasheet HTML 46Page - Switchcraft, Inc. Z15J Datasheet HTML 47Page - Switchcraft, Inc. Z15J Datasheet HTML 48Page - Switchcraft, Inc. Z15J Datasheet HTML 49Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
44 Audio and Video Patchcords
PATCHCORDS/MOLDED CABLES
Features and Benefits - Audio
• 110 ohm impedance-matched
digital patchcords meet AES/EBU
interface standards for digital
patching
• Available with a variety of plug
terminations, plug finishes, cord
lengths and cable colors, the
patchcords offer design flexibility
• Premium quality cable insures high
reliability and greater flexibility
Specifications
Standard plug terminations are
single 3-conductor 1/4" and TT®
Nickel-plated plugs (standard),
brass and gold-plated (optional)
Cable jacket material is PVC.
Black is standard with other
colors available
Features and Benefits - Video
• Designed and built to highest
quality standards for efficient
video signal transmission
• Cable type is RG59 (75W)
• Rugged nickel-plated handles
with knurled area for positive
finger grip
• Available in standard size or
midsize styles
Specifications
Materials
Housing: Nickel-plated,
copper alloy
Contact Pin: Gold-plated,
copper alloy
Boot: Thermoplastic, in black
and colors
A wide variety of audio patchcords
and molded cable assemblies are
available. Some of the more popular
versions are the 18Q and 20Q Series
for professional 1/4" patching, the
TT* and TTD Series for TT or bantam
AES/EBU digital patching. The VP
and VMP Series offer exceptional
performance for video signal patching.
MD6
MD3
VP1BK
20Q
18Q
TT740
TT120
TT1BK
Ordering Information
Video Patchcords
Part Number
Type
Part Number
Type
VP3**
Standard
VP4**
Standard
VP5**
Standard
VP6**
Standard
VP7**
Standard
VP8**
Standard
VP9**
Standard
VP10**
Standard
VSPP
Standard
VMP1**
Midsize
VMP2**
Midsize
VMP3**
Midsize
VMP4**
Midsize
VMP5**
Midsize
VMP6**
Midsize
VMP7**
Midsize
VMP8**
Midsize
VMP9**
Midsize
VMP10**
Midsize
VMPP
Midsize
When ordering, add the following for cable color: BK-Black, BL-Blue, R-Red, O-Orange,
Y-Yellow, GN-Green, P-Purple, GY-Gray
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com