Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z15J Datasheet(PDF) 71 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 71 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 67Page - Switchcraft, Inc. Z15J Datasheet HTML 68Page - Switchcraft, Inc. Z15J Datasheet HTML 69Page - Switchcraft, Inc. Z15J Datasheet HTML 70Page - Switchcraft, Inc. Z15J Datasheet HTML 71Page - Switchcraft, Inc. Z15J Datasheet HTML 72Page - Switchcraft, Inc. Z15J Datasheet HTML 73Page - Switchcraft, Inc. Z15J Datasheet HTML 74Page - Switchcraft, Inc. Z15J Datasheet HTML 75Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
JACKS & PLUGS
70 Jack Series
Ordering Information
Typical
Part No.
Conductors
Description
Mating Plug
Notes
Phono Jacks
3501FP
2
single open
3502A
Front mounting
3501FR
2
single open
3502A
Rear mounting
3514PC
2
single open
3502A
Right angle, PC mount
3517PC
2
single open
3502A
Right angle, PC mount
BPJR**
2
single open
3502A
Rear mounting, colored insulators
BPJR**AU
2
single open
3502A
Same as above, with gold-plating
BPJF**
2
single open
3502A
Front mounting, colored insulators
BPJF**AU
2
single open
3502A
Same as above, with gold-plating
BPJJ**
2
single open
3502A
Feed through mount
BPJJ**AU
2
single open
3502A
Same as above, with gold-plating
Phone Extension Jacks
3503
2
single open
3502A
TT or Bantam Jacks
TT34B
3
double closed
TT253NC
TT34BNY
3
double closed
TT253NC
Nickel-plated frame, fanned terminals
WTT34B
3
double closed
TT253NC
Wire-wrap terminals
MT 1/4" Jacks
MT334B
3
double closed
482NC
WMT334B
3
double closed
482NC
Wire-wrap terminals
YMT334BN
3
double closed
482NC
Nickel-plated frame, fanned terminals
** To designate color of insulator, use: 01– Black, 02 – Red, 03 – White, 04 – Yellow, 05 - Blue, 06 - Green
See Pages 80-82 for Mechanical Drawings
(continued from previous page)
Environmental
Thermal Range: Commercial –-
55˚C to +85˚C (non-operating), -
20˚C to +65˚C (operating);
Military –
-55˚C to +85˚C (non operating), -
40˚C to +65˚C
(operating)
Thermal Shocks: Commercial –
Per Mil-Std-202, method 107;
Military – Per Mil-Std-202,
method 107
Humidity: Commercial –
Per Mil-Std-202, method 106;
Military — 0% to 95% operating
and non-operating
Salt Spray: Commercial –
Per Mil-Std-202, method 101;
Military – Per Mil-Std-202,
method 101 (48 hours)
Moisture Resistance: Military –
Per Mil-Std-202, method 106
(240 hours)
Materials
Frame: Steel, nickel plated
Springs: Copper alloy
Contacts: Welded, crossbar, gold
plated
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com