Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z15J Datasheet(PDF) 37 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 37 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 33Page - Switchcraft, Inc. Z15J Datasheet HTML 34Page - Switchcraft, Inc. Z15J Datasheet HTML 35Page - Switchcraft, Inc. Z15J Datasheet HTML 36Page - Switchcraft, Inc. Z15J Datasheet HTML 37Page - Switchcraft, Inc. Z15J Datasheet HTML 38Page - Switchcraft, Inc. Z15J Datasheet HTML 39Page - Switchcraft, Inc. Z15J Datasheet HTML 40Page - Switchcraft, Inc. Z15J Datasheet HTML 41Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
PATCHBAYS
36 VPP Video Patchbay Series
SMITH CHART (TYPICAL)
START 30 kHz
STOP 3.0 GHZ
75 Ohms
Ordering - Individual Jacks
Part Number Type
Description
VJHD*75TX
HD
Terminated
VJHD*NTX
HD
Non-terminated
VJSD*75TX
SD
Terminated
VJSD*NTX
SD
Non-terminated
* Add “N” for non-normalled version
INSERTION LOSS (TYPICAL)
0
-1
-2
-3
-4
-5
G
O
O
D
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
I
N
S
E
R
T
I
O
N
L
O
S
S
(dB)
RETURN LOSS (TYPICAL)
G
O
O
D
0
-5
-10
-15
-20
-25
-30
-35
R
E
T
U
R
N
L
O
S
S
(dB)
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com