Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH310 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SFH310
Description  Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH310 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SFH310 Datasheet HTML 1Page - Siemens Semiconductor Group SFH310 Datasheet HTML 2Page - Siemens Semiconductor Group SFH310 Datasheet HTML 3Page - Siemens Semiconductor Group SFH310 Datasheet HTML 4Page - Siemens Semiconductor Group SFH310 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
1998-07-13
SFH 310
SFH 310 FA
T
A = 25 °C, λ = 950 nm
Rel.spectr. sensitivity SFH 310, Srel = f (λ)
Total power dissipation
Ptot = f (TA)
Dark current
ICEO = f (TA), VCE = 10 V, E = 0
OHF00871
tot
P
0
0
40
80
120
160
mW
200
20
40
60
80 ˚C 100
TA
Rel. spectr. sensitivity SFH 310FA,Srel=f(λ)
Photocurrent
IPCE = f (VCE), Ee = Parameter
Capacitance
CCE = f (VCE), f = 1 MHz
λ
OHF02331
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
Photocurrent, IPCE = f (Ee), VCE = 5 V
Dark current
ICEO = f (VCE), E = 0
Photocurrent IPCE = f (TA),
VCE = 5 V, normalized to 25
oC
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com