Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH310 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH310
Description  Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH310 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH310 Datasheet HTML 1Page - Siemens Semiconductor Group SFH310 Datasheet HTML 2Page - Siemens Semiconductor Group SFH310 Datasheet HTML 3Page - Siemens Semiconductor Group SFH310 Datasheet HTML 4Page - Siemens Semiconductor Group SFH310 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
1998-07-13
SFH 310
SFH 310 FA
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 310
SFH 310 FA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
780
880
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
470 ... 1070
740 ... 1070
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.19
0.19
mm2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
L
× W
0.65
× 0.65 0.65 × 0.65 mm × mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
2.1 ... 2.7
2.1 ... 2.7
mm
Halbwinkel
Half angle
ϕ± 25
± 25
Grad
deg.
Kapazität,
V
CE = 0 V, f = 1 MHz, E = 0
Capacitance
C
CE
10
10
pF
Dunkelstrom
Dark current
V
CE = 10 V, E = 0
I
CEO
5 (
≤ 100)
5 (
≤ 100)
nA
Fotostrom
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 Ix, Normlicht/standard light A,
V
CE = 5 V
I
PCE
I
PCE
≥ 0.4
4
≥ 0.4
–
mA
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com