Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH310 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH310
Description  Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH310 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH310 Datasheet HTML 1Page - Siemens Semiconductor Group SFH310 Datasheet HTML 2Page - Siemens Semiconductor Group SFH310 Datasheet HTML 3Page - Siemens Semiconductor Group SFH310 Datasheet HTML 4Page - Siemens Semiconductor Group SFH310 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
1998-07-13
SFH 310
SFH 310 FA
Neu: NPN-Silizium-Fototransistor
New: Silicon NPN Phototransistor
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 400 nm bis 1100 nm
(SFH 310) und bei 880 nm (SFH 310 FA)
q
Hohe Linearität
q
3 mm-Plastikbauform
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
400 nm to 1100 nm (SFH 310) and of
880 nm (SFH 310 FA)
q
High linearity
q
3 mm plastic package
Applications
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
SFH 310
SFH 310 FA
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified
0.4
0.6
3.1
3.4
Area not flat
5.7
6.1
4.8
4.4
3.7
3.5
27.0
29.0
1.2
1.8
GEX06710
Collector/
2.1
2.7
Chip position
Cathode
03.96


Similar Part No. - SFH310

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH310 OSRAM-SFH310 Datasheet
274Kb / 10P
Silicon NPN Phototransistor
logo
OSA Opto Light GmbH
SFH310-2-3 OSA-SFH310-2-3 Datasheet
230Kb / 11P
Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
logo
OSRAM GmbH
SFH310-2/3 OSRAM-SFH310-2/3 Datasheet
274Kb / 10P
Silicon NPN Phototransistor
SFH3100F OSRAM-SFH3100F Datasheet
216Kb / 9P
Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
Silicon NPN Phototransistor Version 1.3
More results

Similar Description - SFH310

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH313 SIEMENS-SFH313 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com