Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH310 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH310
Description  Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH310 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH310 Datasheet HTML 1Page - Siemens Semiconductor Group SFH310 Datasheet HTML 2Page - Siemens Semiconductor Group SFH310 Datasheet HTML 3Page - Siemens Semiconductor Group SFH310 Datasheet HTML 4Page - Siemens Semiconductor Group SFH310 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
1998-07-13
SFH 310
SFH 310 FA
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen
Ziffern gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished
by arabian figures.
1) I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe
1) I
PCEmin is the min. photocurrent of the specified group
Directional characteristics Srel = f (ϕ)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
-1
-2
-3
-4
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
SFH 310:
E
v = 1000 Ix, Normlicht/
standard light A,
V
CE = 5 V
I
PCE
I
PCE
0.4 ... 0.8
2.1
0.63 ... 1.25
3.4
1.0 ... 2.0
5.4
≥ 1.6
8.6
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V,
R
L = 1 kΩ
t
r, tf
57
8
12
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation
voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.5 mW/cm
2
V
CEsat
150
150
150
150
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com