Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016 Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9016
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016 Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9016 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
DM9016
3-port switch with Processor Interface
Preliminary datasheet
39
DM9016-13-DS-P01
March 26, 2009
6.66 MIB counter Port Index Register (80H)
Bit
Name
Default
Description
7
READY
P0,RO
MIB counter data is ready
6
MIB_DIS
PHS0,RW MIB Counter Disabled
This bit has the opposite meaning in write and read:
When write:
1: MIB counter disabled
When read:
1: MIB counter is enabled
5
RESERVED
0,RO
Reserved
4:0
INDEX
PHS0,RW MIB counter index 0~9, each counter is 32-bit in Register 81h~84h.
Write the MIB counter index to this register before read them.
6.67 MIB counter Data Register (81H~84H)
Bit
Name
Default
Description
81H
Counter0
X,RO
Counter’s data bit 7~0
82H
Counter1
X,RO
Counter’s data bit 15~8
83H
Counter2
X,RO
Counter’s data bit 23~16
84H
Counter3
X,RO
Counter’s data bit 31~24
MIB counter: RX Byte Counter Registers (00H)
MIB counter: RX Uni-cast Packet Counter Registers (01H)
MIB counter: RX Multi-cast Packet Counter Registers (02H)
MIB counter: RX Discard Packet Counter Registers (03H)
MIB counter: RX Error Packet Counter Registers (04H)
MIB counter: TX Byte Counter Registers (05H)
MIB counter: TX Uni-cast Packet Counter Registers (06H)
MIB counter: TX Multi-cast Packet Counter Registers (07H)
MIB counter: TX Discard Packet Counter Registers (08H)
MIB counter: TX Error Packet Counter Registers (09H)
6.68 Per Port RX Packet Length Control Register (88H)
Bit
Name
Default
Description
7:2
RESERVED
PE0,RO
Reserved
1:0
PKT_LEN
PE0,RW
Accept Packet Length
0X: 1536-byte
10: 1800-byte
11: 2032-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com