Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016 Datasheet(PDF) 73 Page - Davicom Semiconductor, Inc.

Part # DM9016
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016 Datasheet(HTML) 73 Page - Davicom Semiconductor, Inc.

Back Button DM9016 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 75Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 76Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 77Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
DM9016
3-port switch with Processor Interface
Preliminary datasheet
73
DM9016-13-DS-P01
March 26, 2009
9.3.3 Serial Management Interface
The serial control interface uses a simple
two-wired serial interface to obtain and control the
status of the physical layer through the MII interface.
The serial control interface consists of MDC
(Management Data Clock), and MDI/O (Management
Data Input/Output) signals.
The MDIO pin is bi-directional and may be shared
by up to 32 devices.
9.3.4 Management Interface - Read Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
Z
0
Idle Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Read
Write
MDC
MDIO Read
D15
D14
D1
D0
//
//
9.3.5 Management Interface - Write Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
1
0
D15
D14
D1
D0
Idle Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Write
MDC
MDIO Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com