Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9016
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9016 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
DM9016
3-port switch with Processor Interface
Preliminary datasheet
21
DM9016-13-DS-P01
March 26, 2009
P_CTRL
Per Port Control Data Register
61H
00H
P_STUS
Per Port Status Data Register
62H
00H
P_RATE
Per Port Ingress and Egress Rate Control Register
66H
00H
P_BW
Bandwidth Control Register
67H
00H
P_UNICAST
Per Port Block Unicast ports Control Register
68H
00H
P_MULTI
Per Port Block Multicast ports Control Register
69H
00H
P_BCAST
Per Port Block Broadcast ports Control Register
6AH
00H
P_UNKNWN
Per Port Block Unknown ports Control Register
6BH
00H
P_SSTP
Per Port Security & STP Register
6CH
00H
P_PRI
Per Port Priority Queue Control Register
6DH
00H
VLAN_TAGL
Per Port VLAN Tag Low Byte Register
6EH
01H
VLAN_TAGH
Per Port VLAN Tag High Byte Register
6FH
00H
EACSR_1
Ethernet Address Control / Status Register 1
70H
00H
EAD0
MAC Address bit 07~00
71H
00H
EAD1
MAC Address bit 15~08
72H
00H
EAD2
MAC Address bit 23~16
73H
00H
EAD3
MAC Address bit 31~24
74H
00H
EAD4
MAC Address bit 39~32
75H
00H
EAD5
MAC Address bit 47~40
76H
00H
EACSR_2
Ethernet Address Control / Status Register 2 (77H)
77H
00H
SCR_1
Snooping Control Register 1 (78H)
78H
00H
SCR_2
Snooping Control Register 2 (79H)
79H
00H
SCR_3
Snooping Control Register 3 (7AH)
7AH
00H
SCR_4
Snooping Control Register 4 (7BH)
7BH
02H
SCR_5
Snooping Control Register 5 (7CH)
7CH
00H
P_MIB_IDX
Per Port MIB counter Index Register
80H
00H
MIB_DAT
MIB counter Data Register bit 0~7
81H
00H
MIB_DAT
MIB counter Data Register bit 8~15
82H
00H
MIB_DAT
MIB counter Data Register bit 16~23
83H
00H
MIB_DAT
MIB counter Data Register bit 24~31
84H
00H
P_RX_LEN
Per Port RX Packet Length Control Register
88H
00H
PVLAN
Port-based VLAN mapping table registers
B0-BFH
0FH
TOS_MAP
TOS Priority Map Register
C0-CFH
00H~FFH
VLAN_MAP
VLAN priority Map Register
D0-D1H
50H,FAH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMD
Memory Data Read Command With Address Increment Register
F2H
XXH
MRRL
Memory Data Read address Register Low Byte
F4H
00H
MRRH
Memory Data Read address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write address Register Low Byte
FAH
00H
MWRH
Memory Data Write address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com