Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9016
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9016 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9016 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9016 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
DM9016
3-port switch with Processor Interface
28
Preliminary datasheet
DM9016-13-DS-P01
March 26, 2009
6.29 Processor Data Bus Driving Capability Register (38H)
Bit
Name
Default
Description
7
RESERVED
0,RW
Reserved
6:5
ISA_CURR
P01,RW
SD Bus Current Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:3
Reserved
P0,RW
Reserved
2
STEP
P0,RW
Data Bus Output stepping
1: disabled
0: enabled
1
IOW_SPIKE
P0,RW
Eliminate IOW spike
0: Disable
1: Eliminate about 2ns IOW spike
0
IOR_SPIKE
P1,RW
Eliminate IOR spike
0: Disable
1: Eliminate about 2ns IOR spike
6.30 IRQ Pin Control Register (39H)
Bit
Name
Default
Description
7:5
IRQ_DELAY
PS0,RW
IRQ Delayed Output Interval
This field determines the IRQ delayed output interval in multiples of 40
milliseconds(ms)
1
IRQ_TYPE
PET0,RW
IRQ Pin Output Type Control
1: IRQ open-collector output
0: IRQ direct output
0
IRQ_POL
PET0,RW
IRQ Pin Polarity Control
1: IRQ active low
0: IRQ active high
6.31 Port 2 Driving Capability Register (3AH)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6:5
P2_CURR
P01,RW
Port 2 TXD/TXE Current Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:0
RESERVED
0,RW
Reserved
6.32 RX Control Register 2 (3CH)
Bit
Name
Default
Description
7:2
Reserved
PS0,RO
Reserved
1
DIS_BCAST
PH0,RW
Abort broadcast packet if its size > 256 bytes
0
NEXT_RX
PH0,RW
Jump to Next Start of Receiving Packet
Write 1 to launch and clear automatically after 10ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com