Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9106 Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
DM9106
3-port switch with PCI Interface
Preliminary datasheet
39
DM9106-DS-P01
July 9, 2009
6:5
UIPMPC
PH0,R
W
Unregistered IP Multicast Packet Control
The IP multicast packet with a destination address which does not match any of
groups announced in earlier IGMP Membership Reports, i.e. not found in the IGMP
membership table.
00: As normal multicast packets
01: Dropped.
10: Force forward to processor port.
11: Forward to all ports except incoming & uP port.
4
UD_IGR
PH0,R
W
User-defined IGMP Router Port Configuration Enable
0: Disable, the router portmap is automatic manipulation via IGMP snooping.
1: Enable, the router portmap is static defined by user.
3
SIGS2UP
PH0,R
W
IGMP Packet Forward to uP Port only when Software-IGS
2
HIGS2UP
PH0,R
W
IGMP Packet Forward to uP Port also when Hardware-IGS
0: IGMP packet doesn’t forwards to processor port when Hardware based IGMP
Snooping is enabled.
1: IGMP packet also forwards to processor port when Hardware based IGMP
Snooping is enabled.
1
SIGS_EN
PH0,R
W
Software-based IGMP Snooping Enable
0: Hardware based IGMP Snooping, without software intervention. (default)
1: Software based IGMP Snooping
0
IGS_EN
PH0,R
W
IGMP Snooping Enable
0: Disable
1: Enable
6.2.21 Per Port VLAN Tag Byte Register (CR20)
Bit
Name
Default
Description
31:28
BLK_UKP
0,RW
Ports of Unknown Packet Be Blocked
The packets with DA field not found in address table are not forward to the
assigned ports.
These bits can be written if CR17.5=1
27:24
BLK_BP
0,RW
Ports of Broadcast Packet Be Blocked
The received broadcast packets are not forward to the assigned ports.
These bits can be written if CR17.5=1
23:20
BLK_MP
0,RW
Ports of Multicast Packet Be Blocked
The received multicast packets are not forward to the assigned ports.
These bits can be written if CR17.5=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com