Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9106 Datasheet(PDF) 73 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 73 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 75Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 76Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 77Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
DM9106
3-port switch with PCI Interface
Preliminary datasheet
73
DM9106-DS-P01
July 9, 2009
9.2 Switch function:
9.2.1 Address Learning
The DM9106 has a self-learning mechanism for
learning the MAC addresses of incoming packets in
real time. DM9106 stores MAC addresses, port
number
and
time
stamp
information
in
the
Hash-based Address Table. It can learn up to 1K
unicast address entry.
The switch engine updates address table with
new entry if incoming packet’s Source Address (SA)
does not exist and incoming packet is valid (non-error
and legal length).
Besides, DM9106 has an option to disable
address learning for individual port. This feature can
be set by bit 24 of register CR19
9.2.2 Address Aging
The time stamp information of address table is
used in the aging process. The switch engine
updates time stamp whenever the corresponding SA
receives. The switch engine would delete the entry if
its time stamp is not updated for a period of time.
The period can be programmed or disabled through
bit 0 & 1 of register CR16.
9.2.3 Packet Forwarding
The DM9106 forwards the incoming packet
according to following decision:
(1). If DA is Multicast/Broadcast, the packet is
forwarded to all ports, except to the port on which the
packet was received.
(2). Switch engine would look up address table
based on DA when incoming packets is UNICAST. If
the DA was not found in address table, the packet is
treated as a multicast packet and forward to other
ports. If the DA was found and its destination port
number is different to source port number, the packet
is forward to destination port.
(3). Switch engine also look up VLAN, Port
Monitor setting and other forwarding constraints for
the forwarding decision, more detail will discuss in
later sections.
The DM9106 will filter incoming packets under
following conditions:
(1).
Error
packets,
including
CRC
errors,
alignment errors, illegal size errors.
(2). PAUSE packets.
(3). If incoming packet is UNICAST and its
destination port number is equal to source port
number.
9.2.4 Inter-Packet Gap (IPG)
IPG is the idle time between any two valid packets
at the same port. The typical number is 96 bits time.
In other word, the value is 9.6u sec for 10Mbps and
960n sec for 100Mbps.
9.2.5 Back-off Algorithm
The DM9106 implements the binary exponential
back-off algorithm in half-duplex mode compliant to
IEEE standard 802.3.
9.2.6 Late Collision
Late Collision is a type of collision. If a collision
error occurs after the first 512 bit times of data are
transmitted, the packet is dropped.
9.2.7 Half Duplex Flow Control
The DM9106 supports IEEE standard 802.3x flow
control frames on both transmit and receive sides.
On the receive side, The DM9106 will defer
transmitting next normal frames, if it receives a pause
frame from link partner.
On the transmit side, The DM9106 issues pause
frame with maximum pause time when internal
resources such as received buffers, transmit queue
and transmit descriptor ring are unavailable. Once
resources are available, The DM9106 sends out a
pause frame with zero pause time allows traffic to
resume immediately.
9.2.8 Full Duplex Flow Control
The DM9106 supports half-duplex backpressure.
The inducement is the same as full duplex mode.
When flow control is required, the DM9106 sends jam
pattern, thus forcing a collision.
The flow control ability can be set in bit 4 of
register CR18.
9.2.9 Partition Mode
The DM9106 provides a partition mode for each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com