Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9106 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
DM9106
3-port switch with PCI Interface
28
Preliminary datasheet
DM9106-DS-P01
July 9, 2009
0
1
1
Move data from receive FIFO to host memory
1
0
0
Close descriptor by clearing owner bit of descriptor
1
0
1
Close descriptor by writing status
1
1
0
Receive process suspended due to buffer unavailable
1
1
1
Purge the current frame from received FIFO
because of the unavailable received buffer
16
NIS
0,RW
Normal Interrupt Summary
Normal interrupt includes any of the three conditions:
CR5<0> – TXCI: Transmit Complete Interrupt
CR5<2> – TXDU: Transmit Buffer Unavailable
CR5<6> – RXCI: Receive Complete Interrupt
15
AIS
0,RW
Abnormal Interrupt Summary
Abnormal interrupt includes any interrupt condition as shown below, excluding
Normal Interrupt conditions. They are TXPS (bit1), TXFU (bit5), RXDU (bit7), RXPS
(bit8), SBE (bit13).
14
RESERVED
0,RW
Reserved
13
SBE
0,RW
System Bus Error
The PCI system bus errors will set this bit. The type of system bus error is shown in
CR5<25:23>.
12
LINKS
0,RO
Link Change Status
This bit is set to indicate that the link status changed in port 0 or 1 PHYceiver
11
RESERVED
0,RO
Reserved
10:9
RESERVED
0,RO
Reserved
8
RXPS
0,RW
Receive Process Stopped
This bit is set to indicate that the receive process enters the stopped state.
7
RXDU
0,RW
Receive Buffer Unavailable
This bit is set when the DM9106 fetches the next receive descriptor that is still owned
by the host. Receive process will be suspended until a new frame enters or the
receive polling command is set.
6
RXCI
0,RW
Receive Complete Interrupt
This bit is set when a received frame is fully moved into host memory and receive
status has been written to descriptor. Receive process is still running and continues to
fetch next descriptor.
5
TXFU
0,RW
Transmit FIFO Underrun
This bit is set when transmit FIFO has underrun condition during the packet
transmission. It may happen due to the heavy load on bus, cause transmit buffer
unavailable before end of packet. In this case, transmit process is placed in the
suspend state and underrun error TDES0<1> is set.
4
RESERVED
0,RO
Reserved
3
RESERVED
0,RO
Reserved
2
TXDU
0,RW
Transmit Buffer Unavailable
This bit is set when the DM9106 fetches the next transmit descriptor that is still owned
by the host. Transmit process will be suspended until the transmission polling
command is set.
1
TXPS
0,RW
Transmit Process Stopped
This bit is set to indicate transmit process enters the stopped state.
0
TXCI
0,RW
Transmit Complete Interrupt
This bit is set when a frame is fully transmitted and transmit status has been written to
descriptor (the TDES1<31> is also asserted). Transmit process is still running and
continues to fetch next descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com