Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9106 Datasheet(PDF) 86 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 86 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 82Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 83Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 84Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 85Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 86Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 87Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 88Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 89Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 90Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
DM9106
3-port switch with PCI Interface
86
Preliminary datasheet
DM9106-DS-P01
July 9, 2009
10.3 AC characteristics
10.3.1 PCI Clock Specifications Timing
2.0V
T5
T1
T2
T3
T4
0.8V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
PCI_CLK High Time
12
-
-
ns
-
T2
PCI_CLK Low Time
12
-
-
ns
-
T3
PCI_CLK Rising Time
-
-
4
ns
-
T4
PCI_CLK Falling Time
-
-
4
ns
-
T5
Cycle Time
25
30
-
ns
-
10.3.2 Power On Reset Timing
PWRST#
Strap pins
T2
T1
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
PWRST# Low Period
1
-
-
ms
-
T2
Strap pin hold time with PWRST#
40
-
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com