Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302EP Datasheet(PDF) 62 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 62 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 64Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
62
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
10.4.4 EEPROM timing
EECS
EECK
EEDIO
T1
T2
T3
T4
T5
T6
T7
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
EECS Setup Time
480
ns
T2
EECS Hold Time
2080
ns
T3
EECK Frequency
0.38
MHz
T4
EEDIO Setup Time in output state
460
ns
T5
EEDIO Hold Time in output state
2100
ns
T6
EEDIO Setup Time in input state
8
ns
T7
EEDIO Hold Time in input state
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com