Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302EP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
20
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
7:0
MAB4
X,RW
Multicast Address Byte 4 (1AH)
7:0
MAB3
X,RW
Multicast Address Byte 3 (19H)
7:0
MAB2
X,RW
Multicast Address Byte 2 (18H)
7:0
MAB1
X,RW
Multicast Address Byte 1 (17H)
7:0
MAB0
X,RW
Multicast Address Byte 0 (16H)
6.14 RX Packet Length Low Register ( 20H )
Bit
Name
Default
Description
7:0
RXPLL
PH,RO
RX Packet Length Low byte
6.15 RX Packet Length High Register ( 21H )
Bit
Name
Default
Description
7:0
RXPLH
PH,RO
RX Packet Length High byte
6.16 RX Additional Status Register ( 26H )
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
1:0
RPTRS
PH,RO
uP received pointer status, only available when RX pointer restriction is enabled
(Reg27h.7=0).
00: Within buffer
01: End of buffer
1x: Exceed buffer
6.17 RX Additional Control Register ( 27H )
Bit
Name
Default
Description
7
RPRD
PHS0,RW
RX pointer restriction disable
6:0
RESERVED
0,RO
Reserved
6.18 Vendor ID Registers (28H~29H)
Bit
Name
Default
Description
7:0
VIDH
PE,0AH,RO
Vendor ID High Byte (29H)
7:0
VIDL
PE,46H.RO
Vendor ID Low Byte (28H)
6.19 Chip Revision Register (2CH)
Bit
Name
Default
Description
7:0
CHIPR
01H,RO
CHIP Revision
6.20 Transmit Check Sum Control Register (31H)
Bit
Name
Default
Description
7~3
RESERVED
0,RO
Reserved
2
UDPCSE
HP0,RW
UDP Checksum Generation Enable
1
TCPCSE
HP0,RW
TCP Checksum Generation Enable
0
IPCSE
HP0,RW
IP Checksum Generation Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com