Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302EP Datasheet(PDF) 32 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 32 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 36Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
32
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
6.45 VLAN Priority Map Registers (D0H~D1H)
Define the 3-bit of priority field VALN mapping to 2-bit priority queue number.
Reg. D0H:
Bit
Name
Default
Description
7:6
TAG3
PE1,RW
VLAN priority tag value = 03H
5:4
TAG2
PE1,RW
VLAN priority tag value = 02H
3:2
TAG1
PE0,RW
VLAN priority tag value = 01H
1:0
TAG0
PE0,RW
VLAN priority tag value = 00H
Reg. D1H:
Bit
Name
Default
Description
7:6
TAG7
PE3,RW
VLAN priority tag value = 07H
5:4
TAG6
PE3,RW
VLAN priority tag value = 06H
3:2
TAG5
PE2,RW
VLAN priority tag value = 05H
1:0
TAG4
PE2,RW
VLAN priority tag value = 04H
6.46 Memory Data Pre-Fetch Read Command without Address Increment Register (F0H)
Bit
Name
Default
Description
7:0
MRCMDX
X,RO
Read data from RX SRAM. After the read of this command, the read pointer of
internal SRAM is unchanged. And the DM9302 starts to pre-fetch the SRAM data
to internal data buffers.
6.47 Memory Data Read Command with Address Increment Register (F2H)
When register FFH bit 7 is “0”, register F5H value will be returned to 0000H, if 16K-byte boundary is reached.
When register FFH bit 7 is “1”, register F5H value will be returned to 0000H, if processor port receive memory byte boundary
address RX memory size, defined in register 3FH with default 1F00H, is reached.
Bit
Name
Default
Description
7:0
MRCMD
X,RO
Read data from RX SRAM. After the read of this command, the read pointer is
increased by 1,2, or 4, depends on the operator mode (8-bit,16-bit and 32-bit
respectively)
6.48 Memory Data Read Address Register (F4H)
When register FFH bit 7 is “0”, register F5H and F4H can be used as memory byte address to read internal 64K-byte memory.
When register FFH bit 7 is “1”, register F5H and F4H can be used as processor port receive memory byte address with
memory space range from 0 to (RX memory size - 1), defined in register 3FH with default 1EFFH.
Bit
Name
Default
Description
7:0
MDRAL
PHS0,RW Memory Data Read Address Low Byte[7:0]
6.49 Memory Data Read Address Register (F5H)
Bit
Name
Default
Description
7:0
MDRAH50
PHS0,RW Memory Data Read Byte Address High Byte[15:8]
6.50 Memory Data Write Command without Address Increment Register (F6H)
Bit
Name
Default
Description
7:0
MWCMDX
X,WO
Write data to TX SRAM. After the write of this command, the write pointer is
unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com