Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302EP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9302EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302EP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9302EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
13
DM9302-15-DS-P01
July 30, 2009
5.3 LED Pins
Pin No.
Pin Name
I/O
Description
55
LNK1_LED
O/D
Port 1 Link / Active LED
It is the combined LED of link and carrier sense signal
of the port 1.
56
SPD1_LED
O/D
Port 1 Speed LED
It’s low to indicate that the port 1 operates in 100M
mode. It’s floating to indicate that the port 1 operates in
10M mode.
57
LNK0_LED
O/D
Port 0 Link / Active LED
It is the combined LED of link and carrier sense signal
of the port 0.
58
SPD0_LED
O/D
Port 0 Speed LED
It’s low to indicate that the port 0 operates in 100M
mode. It’s floating to indicate that the port 0 operates in
10M mode.
5.4 Clock Interface
Pin No.
Pin Name
I/O
Description
52
X1
I
Crystal 25MHz In
53
X2
O
Crystal 25MHz Out
5.5 Network Interface
Pin No.
Pin Name
I/O
Description
34,35
TX1+/-
I/O
Port 1 TP TX
These two pins are the transmit output in MDI mode or
the receive input in MDIX mode.
37,38
RX1+/-
I/O
Port 1 TP RX
These two pins are the receive input in MDI mode or
the transmit output in MDIX mode.
41,42
TX0+/-
I/O
Port 0 FX TX
Fiber transmitter data pair.
44,45
RX0+/-
I/O
Port 0 FX RX
Fiber receiver data pair.
47
BGRES
I/O
Band gap Pin
Connect a 1.4Kohm ±1% resistor to Analog Ground
(AGND) in application.
48
SD
I
Fiber Signal Detect
49
VCNTL
I/O
1.8V Voltage control
50
VREF
O
Voltage Reference
Connect a 0.1uF capacitor to ground in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com