Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62703-Q1663 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62703-Q1663
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1663 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62703-Q1663 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
1998-04-16
SFH 480,
SFH 481, SFH 482
Abmessungen der aktive Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.4
× 0.4
mm
Abstand Chipoberfläche bis Linsenscheitel
Distance chip front to lens top
SFH 480
SFH 481
SFH 482
H
H
H
4.0 ... 4.8
2.8 ... 3.7
2.1 ... 2.7
mm
mm
mm
Schaltzeiten, I
e von 10 % auf 90 % und von
90 % auf 10 %, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10 % to 90 % and
from 90 % to10 %,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.6/0.5
µs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchlaßspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.50
(≤ 1.8)
3.00
(≤ 3.8)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01
(≤ 1)µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
12
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
+ 0.25
nm/K
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com