Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62703-Q1663 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62703-Q1663
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1663 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62703-Q1663 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 480,
SFH 481, SFH 482
Semiconductor Group
3
1998-04-16
Grenzwerte (
T
C = 25 °C)
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 481:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
SFH 480, SFH 482:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 125
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
200
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
470
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJC
450
160
K/W
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA
λ
peak
880
nm
Spektrale Bandbreite bei 50 % von
I
max
Spectral bandwidth at 50 % of
I
max
I
F = 100 mA
∆λ
80
nm
Abstrahlwinkel
Half angle
SFH 480
SFH 481
SFH 482
ϕ
ϕ
ϕ
± 6
± 15
± 30
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.16
mm2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com