Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62703-Q1663 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62703-Q1663
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1663 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62703-Q1663 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
1998-04-16
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
ø5.6
(2.7)
5.5
5.0
5.3
5.0
14.5
12.5
ø0.45
Radiant sensitive area
GET06013
Approx. weight 0.5 g
Chip position
Cathode (SFH 402, BPX 65)
ø5.3
0.9
1.1
1.1
0.9
Anode (SFH 482)
(2.7)
ø0.45
14.5
12.5
5.3
5.0
6.4
5.6
Chip position
glass
lens
welded
Approx. weight 0.35 g
ø5.6
ø5.3
Anode
Cathode
= SFH 481
= SFH 401
GET06091
(package)
0.9
1.1
1.1
0.9
ø0.45
Cathode (SFH 480)
(2.7)
14.5
12.5
5.3
5.0
GEO06314
Approx. weight 0.5 g
7.4
6.6
SFH 400)
Anode
Radiant
Sensitive area
Chip position
(SFH 216, SFH 231,
GaAlAs-IR-Lumineszenzdioden (880 nm)
GaAlAs Infrared Emitters (880 nm)
SFH 480
SFH 481
SFH 482


Similar Part No. - Q62703-Q1663

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q1604 SIEMENS-Q62703-Q1604 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
Q62703-Q1608 SIEMENS-Q62703-Q1608 Datasheet
64Kb / 7P
SOT-23 LED, Diffused
Q62703-Q1640 SIEMENS-Q62703-Q1640 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
Q62703-Q1640 SIEMENS-Q62703-Q1640 Datasheet
64Kb / 7P
SOT-23 LED, Diffused
Q62703-Q1642 SIEMENS-Q62703-Q1642 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
More results

Similar Description - Q62703-Q1663

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
List of Unclassifed Man...
PDI-G103 ETC2-PDI-G103 Datasheet
45Kb / 1P
GaAlAs (880 nm peak) Photodiode
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
GaAlAs Infrared Emitter (880 nm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com