Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q62703-Q1663 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62703-Q1663
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1663 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62703-Q1663 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q1663 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-04-16
SFH 480,
SFH 481, SFH 482
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 480-2
Q62703-Q1662
18 A3 DIN 41876 (TO-18), Anschlüsse im 2.54-mm-
Raster (1/10’’), Kathodenkennzeichnung: Nase am Ge-
häuseboden
18 A3 DIN 41876 (TO-18), lead spacing 2.54 mm
(1/10’’), cathode marking: projection at package
SFH 480-3
Q62703-Q1663
SFH 481
Q62703-Q1088
SFH 481-1
Q62703-Q1664
SFH 481-2
Q62703-Q1665
SFH 482
Q62703-Q1089
SFH 482-1
Q62703-Q1667
SFH 482-2
Q62703-Q1668
SFH 482-3
Q62703-Q1669
SFH 482-M E7800 Q62703-Q2186
Wesentliche Merkmale
q
Hergestellt im Schmezepitaxieverfahren
q
Anode galvanisch mit dem Gehäuseboden
verbunden
q
Hohe Zuverlässigkeit
q
Gute spektrale Anpassung an
Si-Fotoempfänger
q
Hermetisch dichtes Metallgehäuse
q
SFH 480: Gehäusegleich mit SFH 216
q
SFH 481: Gehäusegleich mit BPX 43,
BPY 63
q
SFH 482: Gehäusegleich mit BPX 38,
BPX 65
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
IR-Gerätefernsteuerungen
Features
q
GaAIAs infrared emitting diode, fabricated in
a liquid phase epitaxy process
q
Anode is electrically connected to the case
q
High reliability
q
Matches all Si-Photodetectors
q
Hermetically sealed package
q
SFH 480: Same package as SFH 216
q
SFH 481: Same package as BPX 43,
BPY 63
q
SFH 482: Same package as BPX 38,
BPX 65
Applications
q
Photointerrupters
q
IR remote control of various equipmet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com