Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35CD Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 35CD
Description  Automotive Cell Diodes, 35A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

35CD Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  35CD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 1
Automotive Cell Diodes, 35A
35CD Series
a. Adopt a vacuum soldering techniques.
b. High soldering temperature.
c. Low forward voltage.
d.
.
VF Positive warp less than 15%
△
e. Apply to each Automotive Rectifiers field extensively.
FEATURES:
ELECTRICAL CHARACTERISTICS
PARAMETERS
V
A
SYMBOL
UNIT
400
600
04
06
35
Maximum repetitive
reverse voltage
peak
Maximum peak, one-cycle forward, non-repetitive surge current
Maximum average forward rectified output current (T = 170°C)
C
Maximum forward voltage drop (I = 100A, T = 25°C)
F
C
△V dispersion confficient
F
VRRM
VFM
lFMS
IF(AV)
-40 to 200
≤0.8
420
≤15%
1.15
V
uA
35CD
A
Maximum peak reverse current (V = V
, T = 25°C)
R
RRM
C
VRRM1
Maximum peak reverse current (V = V
, T = 175°C)
R
RRM
C
VRRM2
1
500
uA
(max-average)
Maximum thermal resistance, junction to case
Storage temperature range
Junction temperature
Tstg
Rthjc
Tjm
°C
°C
°C/W
200
Drawing and Dimension
2.1 ± 0.15
Φ6.3 ± 0.2
Nell High Power Products
Silicon Rubber


Similar Part No. - 35CD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
35C RENESAS-35C Datasheet
545Kb / 57P
RENESAS MCU
logo
List of Unclassifed Man...
35C5 ETC1-35C5 Datasheet
162Kb / 4P
7-PIN NINIATURE TYPE
logo
ON Semiconductor
35CE47PC ONSEMI-35CE47PC Datasheet
159Kb / 1P
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
logo
International Rectifier
35CGQ045 IRF-35CGQ045 Datasheet
49Kb / 4P
SCHOTTKY RECTIFIER
35CGQ045 IRF-35CGQ045 Datasheet
52Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 35CD

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C35A WTE-C35A Datasheet
23Kb / 2P
35A AUTOMOTIVE RECTIFIER CELL
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
C3520 WTE-C3520 Datasheet
42Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
logo
TAITRON Components Inco...
AR3505 TAITRON-AR3505 Datasheet
134Kb / 4P
35A Automotive Rectifiers
ARS3505 TAITRON-ARS3505 Datasheet
135Kb / 4P
35A Automotive Rectifiers
logo
Nell Semiconductor Co.,...
55CD NELLSEMI-55CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 55A
70CD NELLSEMI-70CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 70A
logo
Won-Top Electronics
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
C3520 WTE-C3520_14 Datasheet
31Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Shindengen Electric Mfg...
D35XB80 SHINDENGEN-D35XB80 Datasheet
1Mb / 7P
Bridge Diodes 800V, 35A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com