Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1153_V2 Datasheet(PDF) 10 Page - ams AG

Part # AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Datasheet(HTML) 10 Page - ams AG

Back Button AS1153_V2 Datasheet HTML 6Page - ams AG AS1153_V2 Datasheet HTML 7Page - ams AG AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG AS1153_V2 Datasheet HTML 10Page - ams AG AS1153_V2 Datasheet HTML 11Page - ams AG AS1153_V2 Datasheet HTML 12Page - ams AG AS1153_V2 Datasheet HTML 13Page - ams AG AS1153_V2 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
10 - 16
AS1153, AS1157
Datasheet - Applications
9 Applications
Figure 19. Typical Application Circuit
Power-Supply Bypassing
To bypass VCC, use high-frequency surface-mount ceramic 0.1µF and 0.001µF capacitors in parallel as close to the device as possible, with the
smaller valued capacitor closest to pin VCC.
Differential Traces
Input trace characteristics can adversely affect the performance of the AS1153, AS1157.
Use controlled-impedance PC board traces to match the cable characteristic impedance. The termination resistor must also be matched to
this characteristic impedance.
Eliminate reflections and ensure that noise couples as common mode by running differential traces close together.
Reduce skew by using matched trace lengths. Tight skew control is required to minimize emissions and proper data recovery of the devices.
Route each channel’s differential signals very close to each other for optimal cancellation of their respective external magnetic fields. Use a
constant distance between the differential traces to avoid irregularities in differential impedance.
Avoid 90° turns (use two 45° turns).
Minimize the number of vias to further prevent impedance irregularities.
Table 5. Function Table
Input
Output
INx+
INx-
OUTx
VID
≥ +100mV
H
VID
≤ +100mV
L
AS1153 – Open, undriven short, or undriven
100
Ω parallel termination
H
AS1157 – Open or undriven short
LVDS
Signals
107
Ω
LVTTL/LVCMOS
Data Inputs
LVTTL/LVCMOS
Data Outputs
100
Ω Shielded Twisted Cable or Microstrip PC Board Traces
Tx
Rx
AS1157
LVDS Receiver
AS1154
0.1µF
0.001µF
+3.3V
0.1µF
0.001µF
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com