Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1153_V2 Datasheet(PDF) 6 Page - ams AG

Part # AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Datasheet(HTML) 6 Page - ams AG

Back Button AS1153_V2 Datasheet HTML 2Page - ams AG AS1153_V2 Datasheet HTML 3Page - ams AG AS1153_V2 Datasheet HTML 4Page - ams AG AS1153_V2 Datasheet HTML 5Page - ams AG AS1153_V2 Datasheet HTML 6Page - ams AG AS1153_V2 Datasheet HTML 7Page - ams AG AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG AS1153_V2 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
6 - 16
AS1153, AS1157
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VCC = +3.3V, VCM = +1.2V, |VID| = 0.2V, CLOAD = 10pF, TAMB = +25ºC, unless otherwise noted.
Figure 3. Supply Current vs. Frequency
Figure 4. Supply Current vs. Temperature
Figure 5. Diff. Threshold Voltage vs. VCC
Figure 6. Output Short-Circuit Current vs. VCC
Figure 7. Output Low Voltage vs. VCC
Figure 8. Output High Voltage vs. VCC
0
5
10
15
20
-45 -30 -15
0
15
30
45
60
75
90
Temperature(°C)
0
10
20
30
40
50
0
50
100
150
200
250
300
Frequency (MHz)
All Channels Switching
One Channel Switching
f = 100MHz
f = 1MHz
Low to High
High to Low
0
5
10
15
20
25
30
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
0
20
40
60
80
100
120
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
VTH
VTL
2.7
2.8
2.9
3
3.1
3.2
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
72
72,5
73
73,5
74
74,5
75
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com