Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1153_V2 Datasheet(PDF) 5 Page - ams AG

Part # AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Datasheet(HTML) 5 Page - ams AG

  AS1153_V2 Datasheet HTML 1Page - ams AG AS1153_V2 Datasheet HTML 2Page - ams AG AS1153_V2 Datasheet HTML 3Page - ams AG AS1153_V2 Datasheet HTML 4Page - ams AG AS1153_V2 Datasheet HTML 5Page - ams AG AS1153_V2 Datasheet HTML 6Page - ams AG AS1153_V2 Datasheet HTML 7Page - ams AG AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
5 - 16
AS1153, AS1157
Datasheet - Electrical Character i s t ics
AC Electrical Characteristics
VCC = +3.0 to +3.6V, CLOAD = 10pF, Differential Input Voltage |VID| = 0.2 to 1.0V, Common-Mode Voltage VCM = |VID/2| to 2.4V -|VID/2|, Input Rise
and Fall Time = 1ns (20 to 80%), Input Frequency = 100MHz, TAMB = -40 to +85ºC. Typical values are at VCC = +3.3V, VCM = 1.2V, |VID| = 0.2V,
TAMB = +25ºC (unless otherwise specified).
1, 2
Notes:
1. AC parameters are guaranteed by design and characterization.
2. CL includes scope probe and test jig capacitance.
3. tSKD1 is the magnitude difference of differential propagation delays in a channel. tSKD1 = |tPHLD - tPLHD|.
4. tSKD2 is the magnitude difference of the tPLHD or tPHLD of one channel and the tPLHD or tPHLD of any other channel on the same device.
5. tSKD3 is the magnitude difference of any differential propagation delays between devices operating over rated conditions at the same
VCC and within 5ºC of each other.
6. tSKD4 is the magnitude difference of any differential propagation delays between devices operating over rated conditions.
7. fMAX generator output conditions:
a. Rise time = fall time = 1ns (0 to 100%)
b. 50% duty cycle
c. VOH = +1.3V
d. VOL = +1.1V
8. Output criteria:
a. Duty cycle = 60% to 40%
b. VOL = 0.4V (max)
c. VOH = 2.7V (min)
d. Load = 10pF
Table 4. AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential Propagation Delay High-to-Low
tPHLD
Figure 20 on page 11 and Figure 21 on
page 12
11.8
3.1
ns
Differential Propagation Delay Low-to-High
tPLHD
Figure 20 on page 11 and Figure 21 on
page 12
11.8
3.1
ns
Differential Pulse Skew
(tPHLD - tPLHD)
3
tSKD1
Figure 20 on page 11 and Figure 21 on
page 12
250
600
ps
Differential Channel-to-Channel Skew
4
tSKD2
Figure 20 on page 11 and Figure 21 on
page 12
600
ps
Differential Part-to-Part Skew
5
tSKD3
Figure 20 on page 11 and Figure 21 on
page 12
0.8
ns
Differential Part-to-Part Skew
6
tSKD4
Figure 20 on page 11 and Figure 21 on
page 12
1.5
ns
Rise Time
tTLH
Figure 20 on page 11 and Figure 21 on
page 12
0.4
1.0
ns
Fall Time
tTHL
Figure 20 on page 11 and Figure 21 on
page 12
0.4
1.0
ns
Maximum Operating Frequency
7, 8
fMAX
All Channels Switching
130
160
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com